Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP35 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # SLP35
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP35 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  SLP35 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP35 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLP35
Acculine Stage
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
300
630
6
17
400
730
7
30
500
830
8
21
600
930
9
23
700
1030
10
25
800
1130
11
26
900
1230
12
28
1000
1330
13
30
1100
1430
14
32
1200
1530
15
34
Motor Cable Specifications
Hitachi Cable
UL2570
AWG 18
U-red; V-white; W-black
Outer Diameter ø 6.1
JST HL Connector (male)
Encoder Cable Specifications
Heindenhain
Outer Diameter ø 4.3
Dsub 15 Pin Connector (Male)
Stroke
(mm)
L
(mm)
N
Weight
(Kg)
300
920
9
28
400
1020
10
30
500
1120
11
32
600
1220
12
33
700
1320
13
35
800
1420
14
37
900
1520
15
39
2-ø6H7 Depth 15
280
90
90
20 (Including mechanical stop)
4-M8 Depth 15
(140)
(140)
L
Stroke
30 (Including mechanical stop)
Encoder Cable
Power Supply
Cable
65
100
4.5
2
Pitch 100 x (N-1)
2xN-M6 Depth 10
2xN-ø6.5 Drill φ11 Countersink Depth 6.5 (From rear)
P
Q
163
186
70
70
70
35
For frame ground terminal
FG label
Single Slider Dimensions
Double Slider Dimensions
2-ø6H7 Depth 15
280
90
90
20 (Including mechanical stop)
4-M8 Depth 15
(140)
L
Stroke
30 (Including mechanical stop)
Encoder Cable
Power Supply
Cable
60
100
4.5
2
Pitch 100 x (N-1)
2xN-M6 Depth 10
2xN-ø6.5 Drill φ6.5 Countersink Depth 6.5 (From rear)
P Q
163
186
70
70
70
35
For frame ground terminal
FG label
5 (mechanical stop)
5 (mechanical stop)
For frame ground terminal
FG label
280
4-M5 Depth 10
All units are listed as mm
All units are listed as mm
(140)
(140)
(140)
Detail For P&Q
Detail For P&Q
N = sets of holes on stage
N = sets of holes on stage
Motor Cable Specifications
Hitachi Cable
UL2570
AWG 18
U-red; V-white; W-black
Outer Diameter ø 6.1
JST HL Connector (male)
Encoder Cable Specifications
Heidenhain
Outer Diameter ø 4.3
Dsub 15 Pin Connector (Male)
Nippon Pulse
Your Partner in Motion Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com