Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP35 Datasheet(PDF) 1 Page - Nippon Pulse America, Inc.

Part # SLP35
Description  Acculine Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

SLP35 Datasheet(HTML) 1 Page - Nippon Pulse America, Inc.

  SLP35 Datasheet HTML 1Page - Nippon Pulse America, Inc. SLP35 Datasheet HTML 2Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nippon Pulse
Your Partner in Motion Control
SLP35
Acculine Stage
Rated Spec
Unit
Specification
Encoder Resolution
µm
1 (HEIDENHAIN LIDA279)
Continuous Force
N
185
Acceleration Force1
N
970
Continuous Current2
A
2.7
Acceleration Current1
A
14.4
Force Constant (Kf)
N/A rms
68
Back-EMF Constant
V/m/s
22
Resistance3
ohm
7.2
Inductance3
mH
12
Magnetic Pitch (N-N)
mm
120
Maximum Acceleration4
G
3.5
Maximum Velocity4, 5
m/s
3
Bi-Directional Repeatability
mm
±0.0005
Max Load, Horizontal
kg
60
Load Capacity
kg
30
Stroke, Single Forcer6
mm
300-2000 (100 interval)
Stroke, Double Forcer6
mm
300-1700 (100 interval)
Operating Temperature
°C
0~+40
Operating Humidity
%
20~80 (no condensation)
Storage Temperature
°C
−20~+60
Moving Mass
kg
4.4
Note 1: Acceleration Force given is based on the output with the use of the following driver - SLP35: (14) Hitachi Production Machine System
ADA3-01LL2
Note 2: The effective amperage when the temperature increase of the coil front becomes 110K.
Note 3: An average value of U-V, U-W, and V-W.
Note 4: There are instances when this is not achieved due to load or operation specifications.
Note 5: There are instances when this is not achieved due to the length of the stroke.
Note 6: Contact NPA for longer stroke lengths.
90°
45°
0°
F‑V Curve GHR25
Velocity, m/s
01234
Acc. Force
Cont. Force
Velocity (m/s)
F-V Curve SLP35
1200
1000
800
600
400
200
0
* Driven by ADA3-01LL2 driver with 200 AC input.
Acc. Force
Load (kg)
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
A-L Curve SLP35
0
10
20
30
40
50
60
70
* Driven by ADA3-01LL2 driver with 200 AC input.
5
4
3
2
1
0
-1
-2
-3
-4
-5
1
2
3
4
5
6
7
Count
Repeatability SLP35
Cont. Force
Load
0°
45°
90°
10kg
1000
1000
1000
20kg
1000
900
1000
30kg
940
780
1000
40kg
840
660
1000
50kg
750
590
950
60kg
680
540
900
5kg
1000
1000
700
10kg
1000
900
600
15kg
1000
810
520
20kg
1000
710
430
25kg
980
620
350
30kg
890
530
300
Overhanging Weight Tolerance (mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
F-V Curve
Max. Acceleration vs. Load
• High Thrust, High Speed, High Responsiveness,
High Precision, Long Stroke
• Simple Design and Easy Installation
• Non-Contact Drive means Low Noise, Long Lifespan,
and Maintenance-Free
Stage Specifications
Position Repeatability
Pin
Signal
Wire Color
Function
1
A+
White
Incremental Signal
2
0V
Black/Red
Ground
3
B+
Green
Incremental Signal
4
5V
Red
Power
7
Z-
Black/Yellow
Reference Mark
9
A-
Black/White
Incremental Signal
11
B-
Black/Green
Incremental Signal
14
Z+
Yellow
Reference Mark


Similar Part No. - SLP35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLP32N20C MAPLESMI-SLP32N20C Datasheet
468Kb / 7P
200V N-Channel MOSFET
logo
Cornell Dubilier Electr...
SLP331M160A1P3 CDE-SLP331M160A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP331M160A1P3 CDE-SLP331M160A1P3 Datasheet
483Kb / 8P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M160A1P3 CDE-SLP331M160A1P3 Datasheet
369Kb / 9P
Best for switching power supplies
SLP331M180A3P3 CDE-SLP331M180A3P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
More results

Similar Description - SLP35

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7AD-W TAIYO-YUDEN-EMK042CG0R7AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG2R9AD-W TAIYO-YUDEN-EMK042CG2R9AD-W Datasheet
287Kb / 2P
Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
Lifecycle Stage
JMK105BJ224ME-R TAIYO-YUDEN-JMK105BJ224ME-R Datasheet
289Kb / 2P
Lifecycle Stage
logo
Nippon Pulse America, I...
SCR075 NPM-SCR075 Datasheet
1Mb / 2P
Nanopositioning Stage
SCR100 NPM-SCR100 Datasheet
975Kb / 2P
Nanopositioning Stage
SLP15 NPM-SLP15 Datasheet
445Kb / 2P
Acculine Stage
SLP25 NPM-SLP25 Datasheet
428Kb / 2P
Acculine Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com