Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1038WA-R78M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1038WA-R78M
Description  SRP1038WA Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1038WA-R78M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1038WA-R78M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRP1038WA Series - Shielded Power Inductors
Features
n
Shielded construction for low radiation
n
Metal alloy powder core for high
saturation current
n
Wide side terminal for enhanced
mechanical strength
n
High vibration resistance (15 G typical,
30 G peak)
n
High operating temperature
n
Low buzz noise
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 kHz / 1 V Q Typ.
@
100 kHz
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH) Tol. %
SRP1038WA-R47M
0.47
20
15
60
1.42
1.63
34
31
SRP1038WA-R56M
0.56
20
15
55
1.7
2
32
29
SRP1038WA-R68M
0.68
20
15
51
2.0
2.3
31
28
SRP1038WA-R78M
0.78
20
15
48
2.3
2.5
30
27
SRP1038WA-R82M
0.82
20
15
44
2.4
2.7
27
26.5
SRP1038WA-1R0M
1.00
20
20
42
2.7
3.1
25
26
SRP1038WA-1R5M
1.50
20
20
32
3.9
4.5
22
24
SRP1038WA-1R8M
1.80
20
20
30
4.4
5.5
20
23
SRP1038WA-2R2M
2.20
20
20
26
5.3
6.1
18
19
SRP1038WA-3R3M
3.30
20
20
19
9.0
10.4
15
17
SRP1038WA-4R7M
4.70
20
20
16
13.4
15
11
13.5
SRP1038WA-5R6M
5.60
20
20
13
15.4
17
10.5
12
SRP1038WA-6R8M
6.80
20
20
12
17
19
10
11
SRP1038WA-8R2M
8.20
20
20
12
23
25.3
8.5
9.0
SRP1038WA-100M 10.00
20
20
11
27
30
8
8.2
SRP1038WA-120M 12.00
20
20
10
29
33.4
7.4
7.5
SRP1038WA-150M 15.00
20
20
8
40
45
6.4
7.0
SRP1038WA-220M 22.00
20
20
7
59
68
5.5
6.0
SRP1038WA-330M 33.00
20
20
6
89
102
4.7
4.8
SRP1038WA-470M 47.00
20
20
5
143
165
3.6
4.0
General Specifications
Operating Temperature
.................................. -55 °C to +165 °C
(Temperature rise included)
Storage Temperature (Component)
...................................... -55 °C to +165 °C
Temperature Rise ... 40 °C at rated Irms1
Rated Current
............. Inductance drops 30 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
1 Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature. Part temperature
should be verified in the end application.
Materials
Core...........................Metal alloy powder
Wire .............................Enameled copper
Terminal Finish ................................... Sn
Packaging........ 500 pcs. per 13-inch reel
Soldering Profile
25
245
Time (Seconds)
REFLOW TIMES: 3 TIMES MAX.
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
Time 25 °C to Peak
8 Minutes Max.
TC -5 °C
200 °C
60~150
Sec.
217
150°C
60~120
Sec.
<30 Sec.
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
245 °C
Time within 5 °C of Actual Peak Temperature
(tp)
<30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
AUTOMOTIVE
GRADE


Similar Part No. - SRP1038WA-R78M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1038A BOURNS-SRP1038A Datasheet
380Kb / 4P
Shielded Power Inductors
SRP1038A-100M BOURNS-SRP1038A-100M Datasheet
380Kb / 4P
Shielded Power Inductors
SRP1038A-150M BOURNS-SRP1038A-150M Datasheet
380Kb / 4P
Shielded Power Inductors
SRP1038A-1R0M BOURNS-SRP1038A-1R0M Datasheet
380Kb / 4P
Shielded Power Inductors
SRP1038A-1R2M BOURNS-SRP1038A-1R2M Datasheet
380Kb / 4P
Shielded Power Inductors
More results

Similar Description - SRP1038WA-R78M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com