Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1038WA-R78M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP1038WA-R78M
Description  SRP1038WA Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1038WA-R78M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP1038WA-R78M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1038WA-R78M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
How to Order
SRP1038WA - 1R0M
Model
Value Code (see table)
SRP1038WA Series - Shielded Power Inductors
Electrical Schematic
Product Dimensions
1R0
2032
10.1 ± 0.3
(.398 ± .012)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
3.8 ± 0.2
(.150 ± .008)
2.0 ± 0.3
(.079 ± .012)
2.3 ± 0.3
(.091 ± .012)
10.0 ± 0.3
(.394 ± .012)
4.5 ± 0.3
(.177 ± .012)
6.6 ± 0.3
(.260 ± .012)
11.0 ± 0.3
(.433 ± .012)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Recommended Layout
12.3
(.484)
5.5
(.217)
5.0
(.197)
L vs. I Charts
0.75
0.60
0.45
0.30
0.15
0
1.00
0.80
0.60
0.40
0.20
0
2.00
1.60
1.20
0.80
0.40
0
5.00
4.00
3.00
2.00
1.00
0
10.00
8.00
6.00
4.00
2.00
0
12.50
10.00
7.50
5.00
2.50
0
15.00
12.00
9.00
6.00
3.00
0
17.50
14.00
10.50
7.00
3.50
0
45.00
36.00
27.00
18.00
9.00
0
65.00
52.00
39.00
26.00
13.00
0
20.00
16.00
12.00
8.00
4.00
0
30.00
24.00
18.00
12.00
6.00
0
2.50
2.00
1.50
1.00
0.50
0
6.50
5.20
3.90
2.60
1.30
0
7.50
6.00
4.50
3.00
1.50
0
3.00
2.40
1.80
1.20
0.60
0
1.20
0.96
0.72
0.48
0.24
0
1.50
1.20
0.90
0.60
0.30
0
0.75
0.60
0.45
0.30
0.15
0
1.00
0.80
0.60
0.40
0.20
0
0
8
16
24
32
40
DC Current (A)
0
7
14
21
28
35
DC Current (A)
0
5.5
11.0
16.5
22.0
27.5
DC Current (A)
0
4
8
12
16
20
DC Current (A)
0
2.5
5.0
7.5
10.0
12.5
DC Current (A)
0
1.8
3.6
5.4
7.2
9.0
DC Current (A)
0
1.1
2.2
3.3
4.4
5.5
DC Current (A)
0
1
2
3
4
5
DC Current (A)
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
0
1.4
2.8
4.2
5.6
7.0
DC Current (A)
0
2.0
4.0
6.0
8.0
10.0
DC Current (A)
0
2
4
6
8
10
DC Current (A)
0
4
8
12
16
20
DC Current (A)
0
3
6
9
12
15
DC Current (A)
0
0
4.5
9.0
13.5
18.0
22.5
5.5
11.0
16.5
22.0
27.5
DC Current (A)
DC Current (A)
0
0
6
12
18
24
30
6
12
18
24
30
DC Current (A)
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
SRP1038WA-R47M
SRP1038WA-R78M
SRP1038WA-1R5M
SRP1038WA-3R3M
SRP1038WA-6R8M
SRP1038WA-120M
SRP1038WA-330M
SRP1038WA-470M
SRP1038WA-150M
SRP1038WA-220M
SRP1038WA-8R2M
SRP1038WA-100M
SRP1038WA-1R8M
SRP1038WA-4R7M
SRP1038WA-5R6M
SRP1038WA-2R2M
SRP1038WA-R82M
SRP1038WA-1R0M
0
7
14
21
28
35
DC Current (A)
0
7
14
21
28
35
DC Current (A)
SRP1038WA-R56M
SRP1038WA-R68M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com