Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-104MT..KPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-104MT..KPBF
Description  Three Phase AC Switch (Power Modules), 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-104MT..KPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-104MT..KPBF Datasheet HTML 1Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 2Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 3Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 4Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 5Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 6Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 7Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Sep-17
4
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Thermal Impedance ZthJC Characteristics
0
350
400
450
500
300
250
200
150
100
50
RMS Output Current (A)
20
40
60
80
100
120
0
180°
120°
90°
60°
30°
104MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
50
0
450
500
400
350
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
100
125
25
50
75
0
0.15
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W
0.3
K/W
900
800
700
600
500
400
1100
1000
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
104MT..K Series
Per junction
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
900
800
700
600
500
400
1200
1100
1000
Pulse Train Duration (s)
0.1
1
0.01
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
104MT..K Series
Per junction
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
10
Per junction
104MT..K Series
Steady state value
R
thJC = 1.05 K/W
R
thJC = 0.77 K/W
R
thJC = 0.69 K/W
(DC operation)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com