Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-104MT..KPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-104MT..KPBF
Description  Three Phase AC Switch (Power Modules), 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-104MT..KPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-104MT..KPBF Datasheet HTML 1Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 2Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 3Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 4Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 5Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 6Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 7Page - Vishay Siliconix VS-104MT..KPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Sep-17
1
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Three Phase AC Switch (Power Modules), 100 A
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Outstanding number of power encapsulated components
• Excellent power volume ratio
• 4000 VRMS isolating voltage
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
AC switches offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications as control motor starter.
ELECTRICAL SPECIFICATIONS
Note
(1) For single AC switch
PRIMARY CHARACTERISTICS
IO
100 A
VRRM
800 V to 1600 V
Package
MTK
Circuit configuration
Three phase AC switch
MTK
MTK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
100
A
TC
80
°C
IFSM
50 Hz
1130
A
60 Hz
1180
I2t
50 Hz
6380
A2s
60 Hz
5830
I2
t
63 800
A2
s
VRRM
Range
800 to 1600
V
TStg
Range
-40 to +125
°C
TJ
Range
-40 to +125
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM/IDRM,
MAXIMUM
AT TJ = 125 °C
mA
VS-104MT..K
80
800
900
800
40 (1)
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600


Similar Part No. - VS-104MT..KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
207Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
More results

Similar Description - VS-104MT..KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54MT80KPBF VISHAY-54MT80KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
logo
Sirectifier Semiconduct...
S3SSAC70G16TB SIRECTIFIER-S3SSAC70G16TB Datasheet
129Kb / 4P
Three Phase Solid State AC Switch Modules
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
Three Phase Solid State AC Switch Modules
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
Three Phase AC Switch (Power Modules), 50 A to 100 A
14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
Three Phase AC Switch (Power Modules), 100 A
14-Sep-17
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com