Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-104MT..K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-104MT..K
Description  Three Phase AC Switch (Power Modules), 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-104MT..K Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-104MT..K Datasheet HTML 1Page - Vishay Siliconix VS-104MT..K Datasheet HTML 2Page - Vishay Siliconix VS-104MT..K Datasheet HTML 3Page - Vishay Siliconix VS-104MT..K Datasheet HTML 4Page - Vishay Siliconix VS-104MT..K Datasheet HTML 5Page - Vishay Siliconix VS-104MT..K Datasheet HTML 6Page - Vishay Siliconix VS-104MT..K Datasheet HTML 7Page - Vishay Siliconix VS-104MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Sep-17
5
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Gate Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95004
0.1
1
100
10
0.001
0.01
0.1
1
Instantaneous Gate Current (A)
1000
100
10
(b)
(a)
(4)
(3)
(2)
(1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
VGD
IGD
Frequency limited by PG(AV)
104MT..K Series
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 20 V, 30
Ω
t
r = 0.5 µs, tp ≥ 6 µs
b) Recommended load line for
≤ 30 % rated dI/dt: 20 V, 65 Ω
t
r = 1 µs, tp ≥ 6 µs
Device code
2
-
Current rating code: 10 = 100 A (average)
3
-
AC switch
1
-
Vishay Semiconductors product
4
-
Essential part number
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
6
-
PbF = lead (Pb)-free
6
2
1
4
3
10
VS-
4
MT
160
K
PbF
5
1
2
3
4
5
6
AB
C
F
E
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com