Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-104MT..K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-104MT..K
Description  Three Phase AC Switch (Power Modules), 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-104MT..K Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-104MT..K Datasheet HTML 1Page - Vishay Siliconix VS-104MT..K Datasheet HTML 2Page - Vishay Siliconix VS-104MT..K Datasheet HTML 3Page - Vishay Siliconix VS-104MT..K Datasheet HTML 4Page - Vishay Siliconix VS-104MT..K Datasheet HTML 5Page - Vishay Siliconix VS-104MT..K Datasheet HTML 6Page - Vishay Siliconix VS-104MT..K Datasheet HTML 7Page - Vishay Siliconix VS-104MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Sep-17
3
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristic
Fig. 2 - Forward Voltage Drop Characteristics
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
-40 to +125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per single AC switch
0.34
K/W
DC operation per junction
0.69
180 °C sine conduction angle per single AC switch
0.36
180 °C sine conduction angle per junction
0.72
Maximum thermal resistance,
case to heat sink
RthCS
Per module
Mounting surface smooth, flat and greased
0.03
Mounting
torque ± 100 %
to heat sink
A mounting compound is recommended and the torque
should be rechecked after a period of 3 hours to allow for
the spread of the compound. Lubricated threads.
4 to 6
Nm
to terminal
3 to 4
Approximate weight
225
g
R CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
104MT.K
0.027
0.033
0.042
0.057
0.081
0.023
0.037
0.046
0.059
0.082
K/W
90
80
70
60
120
130
100
110
RMS Output Current (A)
20
40
100
120
60
80
0
104MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
100
10
1000
Instantaneous On-State Voltage (V)
1234
5
0
T
J = 25 °C
104MT..K Series
Per junction
T
J = 125 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com