Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-209CNQ...PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-209CNQ...PBF
Description  High Performance Schottky Rectifier, 200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-209CNQ...PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-209CNQ...PBF Datasheet HTML 1Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 2Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 3Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 4Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 5Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-209CNQ...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 09-May-17
4
Document Number: 94156
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95021
tp - Square Wave Pulse Duration (µs)
1000
10 000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
100
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02
-
Average current rating (x 10)
-
Product silicon identification
-
C = circuit configuration
-
N = not isolated
-
Q = Schottky rectifier diode
-
Voltage ratings
-
Lead (Pb)-free
135 = 135 V
150 = 150 V
Device code
20
9
C
N
Q
150 PbF
1
-
Vishay Semiconductors product
2
3
4
5
6
7
8
5
1
3
2
4
6
7
8
VS-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com