Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-209CNQ...PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-209CNQ...PBF
Description  High Performance Schottky Rectifier, 200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-209CNQ...PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-209CNQ...PBF Datasheet HTML 1Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 2Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 3Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 4Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 5Page - Vishay Siliconix VS-209CNQ...PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-209CNQ...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 09-May-17
3
Document Number: 94156
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
VR - Reverse Voltage (V)
0
60
90
120
1000
30
10 000
T
J = 25 °C
100
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
0.00001
0.0001
0.001
0.01
0.1
1
10
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
IF(AV) - Average Forward Current (A)
0
160
60
60
80
120
200
20
100
120
160
40
140
80
180
140
100
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
120
IF(AV) - Average Forward Current (A)
0
60
150
30
90
60
120
100
80
40
20
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com