Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2139A Datasheet(PDF) 2 Page - Belden Inc.

Part # 2139A
Description  Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2139A Datasheet(HTML) 2 Page - Belden Inc.

  2139A Datasheet HTML 1Page - Belden Inc. 2139A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
5.8 dB/100m
48.8
24.5
100 ± 15%
10
6.5 dB/100m
47.3
25.0
100 ± 15%
16
8.2 dB/100m
44.3
25.0
100 ± 15%
20
9.3 dB/100m
42.8
25.0
100 ± 15%
25
10.4 dB/100m
41.3
24.3
100 ± 15%
31.25
11.7 dB/100m
39.9
23.6
100 ± 15%
62.5
17.0 dB/100m
35.4
21.5
100 ± 15%
100
22.0 dB/100m
32.3
20.1
100 ± 15%
Voltage
UL Voltage Rating
300 V (CM)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation
Storage
75°C
-40°C To +75°C -20°C To +75°C -40°C To +75°C
Bend Radius
Stationary Min.
Installation Min.
7.5 in (190 mm)
14.75 in (374.7 mm)
Max. Pull Tension:
150 lbs (68 kg)
Bulk Cable Weight:
240 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor/Outdoor, Indoor, Outdoor, Sunlight Resistance, Aerial - When supported by messenger wire
Flammability / Reaction to
Fire:
UL 1685 (UL Loading-Limited Smoke)
NEC / UL Compliance:
CM
CEC / C(UL) Compliance:
CM
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 5e
ISO/IEC Compliance:
11801 ed 2.2 (2011) Class D
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE), REACH: 2017-07-10
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard
Compliance(s):
Outdoor Use ANSI/ICEA S56434, Broadband Outdoor Use ANSI/ICEA S99689, Indoor/Outdoor Use ANSI/ICEA S100685
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending Footage Markings.
Not Suitable for Direct Burial.
History
Update and Revision:
Revision Number: 0.333 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color
UPC
2139A 0101000 Black
612825377870
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com