Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2139A Datasheet(PDF) 1 Page - Belden Inc.

Part # 2139A
Description  Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2139A Datasheet(HTML) 1 Page - Belden Inc.

  2139A Datasheet HTML 1Page - Belden Inc. 2139A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 2139A
Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT
Armor
Product Description
Category 5e Premise Backbone Cable (100MHz), Indoor/Outdoor OSP/CM-LS, 25 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Gel-Filled,
Corrugated Aluminum Tape Armor, UV Resistant Flame Retardant Haloarrest® LSZH Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
OSP-Outdoor, Indoor/Outdoor, Premise Backbone Cable, Gigabit Ethernet, 100BaseTX, 100BaseVG ANYLAN, 155ATM, 622ATM, NTSC/PAL Component or Composite Video,
AES/EBU Digital Audio, AES51, RS-422, Noisy Environments
Construction Details
Conductor
Size Stranding
Material
Number of Pairs
24
Solid
BC - Bare Copper 25
Insulation
Material
Color Code
PO - Polyolefin Western Electric
Inner Jacket
Material
Nom. Diameter Ripcord
PE - Polyethylene 0.51 in (13 mm) Yes
Armor
Armor Type & Material
Armor Thickness
CAT - Corrugated Aluminum Tape .008 in (0.20 mm)
Outer Jacket
Material
Nom. Diameter
Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.730 in (18.5 mm) Yes
Overall Cable Diameter
(Nominal):
0.730 in (18.5 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
93.8 Ohm/km (28.6 Ohm/1000ft) 330 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 45 ns/100m
68%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. PSNEXT [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance
1
2.0 dB/100m
62.3
20.0
100 ± 15%
4
4.1 dB/100m
53.3
23.0
100 ± 15%


Similar Part No. - 2139A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
logo
Belden Inc.
2139 BELDEN-2139 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2139 ABBATRON-2139 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Multicomp Pro
2139 MULTICOMP-2139 Datasheet
113Kb / 1P
AC Power Inlet
04/02/15 V1.1
logo
Molex Electronics Ltd.
2139 MOLEX-2139 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
More results

Similar Description - 2139A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001173 ETC2-PP001173 Datasheet
202Kb / 2P
Cat 5e 25-Pair UTP LSZH Backbone Cable
logo
Belden Inc.
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1300SB BELDEN-1300SB Datasheet
866Kb / 3P
Category 5e Shipboard Cable, ABS, 4 Pair, F/UTP, LSZH
2022 Belden, Inc
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1633VNH BELDEN-1633VNH Datasheet
170Kb / 3P
DNV GL, Shipboard, Category 5e Cable, 4 Pair, F/UTP, LSZH Indoor
2022 Belden, Inc
2137A BELDEN-2137A Datasheet
164Kb / 3P
Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable
2022 Belden, Inc
2138A BELDEN-2138A Datasheet
161Kb / 3P
Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
2147A BELDEN-2147A Datasheet
164Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com