Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2137A Datasheet (PDF) - Belden Inc.

2137A Datasheet PDF - Belden Inc.
Part # 2137A
Download  2137A Download
File Size   164.01 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable

2137A Datasheet (PDF)

Go To PDF Page Download Datasheet
2137A Datasheet PDF - Belden Inc.

Part # 2137A
Download  2137A Click to download

File Size   164.01 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable

2137A Datasheet (HTML) - Belden Inc.


2137A Product details

Product Description
CAT5e (200MHz), 4-Pair, U/UTP-Unshielded, CM-LS Rated, Premise Horizontal OSP Cable, 24 AWG Solid Bare Copper Conductors, Polyolefin Insulation,
Gel-filled, UV Resistant Flame Retardant Polyolefin Jacket




Similar Part No. - 2137A

ManufacturerPart #DatasheetDescription
logo
Heyco.
2137 HEYCO-2137 Datasheet
105Kb / 1P
Universal Bushings
logo
Belden Inc.
2137 BELDEN-2137 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2137 ABBATRON-2137 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
2137 CEENORM-2137 Datasheet
419Kb / 2P
Plugs
logo
Molex Electronics Ltd.
2137160001 MOLEX-2137160001 Datasheet
45Kb / 2P
Universal Serial Bus (USB) Shielded I/O Receptacle, Type C, Right-Angle, Top Mount, Dual Row, Through Hole, Gold (Au) Flash over Palladium Nickel Plating
More results


Similar Description - 2137A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2148A BELDEN-2148A Datasheet
250Kb / 3P
Category 6A Indoor/Outdoor CMR/CMX Cable
1585A BELDEN-1585A Datasheet
266Kb / 3P
Category 5e Cable
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
1592A BELDEN-1592A Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1633VNH BELDEN-1633VNH Datasheet
170Kb / 3P
DNV GL, Shipboard, Category 5e Cable, 4 Pair, F/UTP, LSZH Indoor
2022 Belden, Inc
2138A BELDEN-2138A Datasheet
161Kb / 3P
Category 5e Indoor/Outdoor CMR/CMX F/UTP Cable
2022 Belden, Inc
2139A BELDEN-2139A Datasheet
161Kb / 2P
Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
2147A BELDEN-2147A Datasheet
164Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com