Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1592A Datasheet (PDF) - Belden Inc.

1592A Datasheet PDF - Belden Inc.
Part # 1592A
Download  1592A Download
File Size   177.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Patch Cable, 4 Pair, U/UTP, CM

1592A Datasheet (PDF)

Go To PDF Page Download Datasheet
1592A Datasheet PDF - Belden Inc.

Part # 1592A
Download  1592A Click to download

File Size   177.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 5e Patch Cable, 4 Pair, U/UTP, CM

1592A Datasheet (HTML) - Belden Inc.


1592A Product details

Product Description
Category 5e Premise Patch Cable (200MHz), 4 Pair, 24 AWG Stranded (7x32) Bare Copper Conductors, U/UTP, CM, PVC Jacket




Similar Part No. - 1592A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1592A ETC2-1592A Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1592A0021000 ETC2-1592A0021000 Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1592A002U1000 ETC2-1592A002U1000 Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1592A0031000 ETC2-1592A0031000 Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1592A003U1000 ETC2-1592A003U1000 Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
More results


Similar Description - 1592A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583EPE BELDEN-1583EPE Datasheet
164Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, PE Outdoor
2022 Belden, Inc
1585LC BELDEN-1585LC Datasheet
179Kb / 2P
Category 5e Cable, 4 Pair, U/UTP, LC, CMP
2022 Belden, Inc
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
1752A BELDEN-1752A Datasheet
178Kb / 3P
Category 5e Patch Cable, 4 Bonded-Pairs, U/UTP, CM
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com