Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  High-Performance Edge Intelligence System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ei-A215
Packing List
Item
Description
1
Ei-A215 edge computer
2
WISE-PaaS software packages
Optional Items
Part Number
Description
96PSA-A60W12W6
AC-to-DC adapter, DC 12 V/5 A 60 W
1700001524
Power cable 3-pin 180 cm, USA type
170203183C
Power cable 3-pin 180 cm, Europe type
170203180A
Power cable 3-pin 180 cm, UK type
1700008921
Power cable 3-pin PSE Mark 183 cm
AMK-V019E
VESA mount kits
AMK-R005E
DIN rail mount kits
IoT Development Tools
Node-RED Utility
Pre-integrated logic editing tool Node-RED
Data Collection
Receive data from agents and transfer the data to a WISE-PaaS/RMM server
Data Conversion
Convert data protocol to MQTT with JSON format
Plug-in SDK
Agent and protocol conversion plug-in SDK for developers
GUI Protocol Config Tool (for Modbus)
Modbus GUI provided for quick configuration
Backup and System Recovery
Acronis hot backup/recovery/ hot-key recovery
Security
McAfee whitelist protection
Remote Update (OTA)
Software (Advantech and 3rd party) updates
Zero Downtime
Preserve edge data when connections are lost and recover the data once the connections have been restored
Light Analytics
Statistical and graphical representation of historical data
Dashboard Builder
Customizable dashboard with widgets for displaying sensor data in the format of text, sparklines, gauges, and so on
**Support depends on device type, OS and account permission.
Edge System Specifications
Processor
Intel® Core™ i5 6300U
Memory
4GB DDR3L 1600MHz memory built in (Max Capacity: 16GB / 1600MHz)
Integrated O/S
WES7E/WIN 10
Operating Temperature
With extended temperature peripherals: -20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow
2.5-inch HDD: 0 ~ 45 °C (32 ~ 113 °F) with 0.7m/s air flow
Display
1 x VGA, 1 x HDMI, supports dual display (VGA and HDMI)
I/O Interface
2 x GbE LAN, 2 x USB 2.0, 4 x USB 3.0, 4 x RS-232/422/485, 1 x digital I/O, line out/mic in
Power Input
12 VDC (option: 9–36 V)
Storage
64-GB 2.5" SATA III SSD built in
Dimensions (W x H x D)
260 x 54 x 140.2 mm (10.24" x 2.13" x 5.52")
Ordering Information
Part Number
CPU
Memory
Storage
OS
VGA HDMI GbE USB
2.0
USB
3.0
RS-232/
422/485 DIO
Audio
Full-size
MiniPCIe
Power
Input
mSATA Operating
Temperature*
Ei-A215-E1DS641
Intel® Core™
i5 6300U SoC
4 GB
64G 2.5"
SATAIII SSD Win 10 1
1
2
2
4
4
1, 8bit Line out,
mic in
2, 1 with
SIM holder
12 VDC
1
-20 ~ 60° C
Node-RED
Data Manageability
Pre-configured Azure Service
Option
Smart Data Processing
Pre-integrated Data Flow Logic Designer Node-RED for
data processing and flow control (Sample code included).
24/7
ZDT
RE-DEPLOYMENT
Zero Downtime
Easy Application Development
Over 250 RESTful APIs, enabling application
developers to access related functions and IoT data
from WISE-PaaS software
Data cache storage for secured data transfer, retain
data when connection is lost; forward it after
connection is reestablished.
Data Reporting
Web Service Center
System Deployment
Big Data Storage
Pre-Configured with
DB and data, 720 hours of
Power BI usage included
4 Core A3 VM for up to
100 devices connection
Use your existing skills to
code in your favorite language
WISE-PaaS/RMM
Get your service on WISE-PaaS Marketplace
1-TB storage with
99.99% reliability
Device Management Package
Virtual
Machine
100 device connections
and management ability
Microsoft® Azure Services are available using
WISE-Point digital currency, which applies in the
WISE-PaaS Marketplace. http://wise-paas.advantech.com/marketplace/
40 WISE-Points/ Month
Data Intelligence Package
Virtual Machine
Power BI
Embedded
Databases
Web APPs
60 WISE-Points/ Month
Node-RED
Data Manageability
Pre-configured Azure Service
Option
Smart Data Processing
Pre-integrated Data Flow Logic Designer Node-RED for
data processing and flow control (Sample code included).
24/7
ZDT
RE-DEPLOYMENT
Zero Downtime
Easy Application Development
Over 250 RESTful APIs, enabling application
developers to access related functions and IoT data
from WISE-PaaS software
Data cache storage for secured data transfer, retain
data when connection is lost; forward it after
connection is reestablished.
Data Reporting
Web Service Center
System Deployment
Big Data Storage
Pre-Configured with
DB and data, 720 hours of
Power BI usage included
4 Core A3 VM for up to
100 devices connection
Use your existing skills to
code in your favorite language
WISE-PaaS/RMM
Get your service on WISE-PaaS Marketplace
1-TB storage with
99.99% reliability
Device Management Package
Virtual
Machine
100 device connections
and management ability
Microsoft® Azure Services are available using
WISE-Point digital currency, which applies in the
WISE-PaaS Marketplace. http://wise-paas.advantech.com/marketplace/
40 WISE-Points/ Month
Data Intelligence Package
Virtual Machine
Power BI
Embedded
Databases
Web APPs
60 WISE-Points/ Month



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com