Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R005E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R005E
Description  High-Performance Edge Intelligence System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R005E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R005E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R005E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
RoHS
COMPLIANT
2002/95/EC
Ei-A215
ƒ Integrated hardware and software aids edge-to-cloud application development
ƒ Preconfigured system: High-performance computing powered by 6th
Generation Intel® Core™ U-series i5, WES7E/Win 10 with 4 GB RAM, 64 GB
SSD
ƒ Pre-integrated software package: WISE-DeviceOn, WebAccess/SCADA and
iEdge for equipment connectivity
ƒ Preconfigured Microsoft Azure service: Device management package/data
intelligence package (optional)
ƒ Comprehensive developer tools and documents: Node-RED dataflow logic
designer, dashboard builder, protocol plug-in SDK, and configuration tools
Introduction
Advantech’s EIS-D150 high-performance EIS is a software/hardware integrated solution offering high computing power for IoT and cloud applications. The unit enables data
preprocessing in addition to logic and flow control at the edge of networks. The EIS-D150 comes with a ready-to-run system (6th Generation Intel® Core™ U-series i5 platform with
WES7E/ WIN10 IoT Enterprise) and WISE-PaaS software. It includes the IoT applications WISE-DeviceON, WebAccess/SCADA and iEdge for equipment connectivity Furthermore, it
gives the flexibility to add other software from the WISE-PaaS marketplace. For IoT developers, the EIS-D150 provides WISE-Agent and a protocol plugin SDK for IoT data collection
and conversion, as well as a built-in Node-RED for smart data processing and logic flow design. It comes with preconfigured Azure packages from the WISE-PaaS Marketplace
for easy and fast cloud connectivity. The EIS-D150 offers a complete solution for IoT data collection and intelligence creation from end devices and edge networks to the cloud. Its
high computing power can assist with efficiently managing various types of devices, equipment, and sensors. With this unit, you can accelerate IoT implementation and enable IoT
connectivity, data manageability, and analytics in the edge of your network.
Solution Block Diagram
High-Performance Edge Intelligence
System
NEW
IoT Connectivity
Operation
Management
Cloud Integration
Edge Cloud
Edge Cloud (EIS-S230) provides a
scalable data management platform
with Kubernetes open standard
environment
Cloud Connectivity
Azure IoT Edge / Plug and play
certification and AWS Greengrass
certification
All product specifications are subject to change without notice.
Last updated: 2-Jun-2020


Similar Part No. - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R005E ADVANTECH-AMK-R005E Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
AMK-R005E ADVANTECH-AMK-R005E Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
More results

Similar Description - AMK-R005E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IRS-3500 ADVANTECH-IRS-3500_15 Datasheet
466Kb / 1P
1U High Performance Rugged System
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
High-Performance Frequency Synthesizer System
logo
Advantech Co., Ltd.
EIS-D210 ADVANTECH-EIS-D210 Datasheet
785Kb / 2P
LPWAN Connectivity Edge Intelligence Server
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
EIS-D110 ADVANTECH-EIS-D110 Datasheet
725Kb / 2P
Entry Level Edge Intelligence Server
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EI-A110 ADVANTECH-EI-A110 Datasheet
963Kb / 2P
Edge Intelligence System Powered By WISE-DeviceOn
16-Dec-2020
EIS-D620 ADVANTECH-EIS-D620 Datasheet
694Kb / 2P
RISC-based Edge Intelligence Server
22-Aug-2019
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
08-Aug-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com