Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASQUD3 Datasheet(PDF) 2 Page - Littelfuse

Part # ASQUD3
Description  Multifunction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ASQUD3 Datasheet(HTML) 2 Page - Littelfuse

  ASQUD3 Datasheet HTML 1Page - Littelfuse ASQUD3 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Multifunction
www.littelfuse.com/asqu-astu
Rev: 1-A-062216
ASQU / ASTU SERIES
Specifications
Time Delay
Type
Microcontroller based with ceramic resonator
and watchdog circuitry
Adjustment
Knob with dial; 2 switches select
1 of 4 multipliers
Range*
0.1 - 10s, 1 - 100s, 10 - 1000s, 1 - 100m
Repeat Accuracy
±1% or ±50ms, whicheer is greater
Tolerance
(Factory Calibration)
±2% or ±50ms, whichever is greater
Reset Time
≤ 300ms
Initiate Time
Single Shot & Delay-on-Break: ≤ 32ms
Time Delay vs Temp.
& Voltage
±2%, or ±50ms, whichever is greater
Input
Voltage
AC: 24 to 240VAC; -20% - 10%
DC: 9 to 110VDC; -0% - 20% @ -25°C
9.4 to 110VDC; -0% - 20% @ -40°C
AC Line Frequency/DC Ripple 50/60Hz / ≤ 10%
Output
Type
Solid state
Form
NO
Rating
0.7A steady state, 10A inrush
Voltage Drop
AC ≅ 2.5V @ 0.7A; DC ≅ 1.5V @ 0.7A
Protection
Surge
IEEE C62.41-1991 Level A
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
Two base adaptors are available
DIN Rail
Snap on to 32 mm DIN 1 & 35 mm DIN 3 rail
Surface
Two #6 (M3.5 x 0.6) screws or quick
mount fasteners
Dimensions
H 76.2 mm (3.0”); W 17.52 mm (0.69”);
D 61.2 mm (2.41”)
Termination
ASQU
0.25 in. (6.35 mm) male quick
connect terminals
ASTU
0.197 in. (5 mm) push-on terminal blocks for
up to #14 AWG (2.5 mm2) wire
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 4 oz (113 g)
*For CE approved applications, power must be removed from the unit when a switch position
is changed.
DIN Rail Mount
Inches (Millimeters)
Surface Mount
Quick Mount
Fastner(2)
[Drill . 187 (4.75)
diameter hole]
35mm DIN 3
32MM DIN 1
.815
(20.70)
.640
(16.26)
.38
(9.65
.185
(4.70)
3.00
(76.2)
2.41
(61.2)
.235 DIA
(5.97)
.69
(17.52)
P0500-178
SURFACE MOUNT
Inches (Millimeters)
P0500-179
DIN RAIL MOUNT
Inches (Millimeters)
Mounting Diagrams
DIN Rail Mount
Inches (Millimeters)
Surface Mount
Quick Mount
Fastner(2)
[Drill . 187 (4.75)
diameter hole]
35mm DIN 3
32MM DIN 1
.815
(20.70)
.640
(16.26)
.38
(9.65
.185
(4.70)
3.00
(76.2)
2.41
(61.2)
.235 DIA
(5.97)
.69
(17.52)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com