Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASQUD3 Datasheet(PDF) 1 Page - Littelfuse

Part # ASQUD3
Description  Multifunction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ASQUD3 Datasheet(HTML) 1 Page - Littelfuse

  ASQUD3 Datasheet HTML 1Page - Littelfuse ASQUD3 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Multifunction
www.littelfuse.com/asqu-astu
Rev: 1-A-062216
0.1-10s
1-100s
10-1000s
1-100m
X100s
X10s
X1s
X10m
R
M
S
D
C
D
C
D
C
D
C
F
E
F
E
F
E
F
E
R = Range
M = Multiplier
S = Setting
Description
The ASQU and ASTU Series of 17.5 mm, knob adjustable,
universal solid-state timers offer multiple functions, voltages,
and time delay ranges. Choose one of 5 functions and 4 time
delay ranges via 4 selection switches located on face of the
unit. Adjustment through the time range is accomplished by an
onboard knob.
The ASQU Series has quick connect terminals and the ASTU
Series has terminal blocks.
Features & Benefits
FEATURES
BENEFITS
Universal AC or
DC voltage
Choose from 24 to 240VAC or 9 to 110VDC models
Compact 17.5mm size
Allows for high rail density
Microcontroller based
Repeat Accuracy + / -1%
Multifunction:
5 timing functions
Reduce stocking requirements
Knob Adjustable
Time Delay
Field adjustable delay ranging from 0.1s - 100m
0.7A steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions.
Mounting fasteners
Iincluded
Each unit ships with both surface and DIN rail quick
mount adapters
Watchdog circuitry
Self monitoring and self correcting for
improved performance
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P0500-178 Surface Mount Adapter
P0500-179 DIN Rail Mount Adapter
For use with the ASxx/DSxx Series timers.
Ordering Information
MODEL
INPUT VOLTAGE
CONNECTION
ASQUA3
24 to 240VAC
Quick Connects
ASQUD3
9 to 110VDC
Quick Connects
ASTUA3
24 to 240VAC
Terminal Blocks
ASTUD3
9 to 110VDC
Terminal Blocks
If you don’t find the part you need, call us for a custom product 800-843-8848
L1
N/L2
L1
N/L2
V = Voltage
L = Load
J= Wire Required for
Interval Operation
S1= Initiate Switch
UTL = Optional Untimed Load
DELAY-ON-MAKE & RECYCLING
SINGLE SHOT, INTERVAL &
DELAY-ON-BREAK
DOM
SS
R
DOB
A
A
A
A
B
B
B
B
ADJUSTMENTS
DOM = Delay-on-Make
SS = Single Shot/Interval
R = Recycling
DOB = Delay-on-Break
Wiring & Adjustment Diagrams
L1
N/L2
L1
N/L2
ASQU / ASTU SERIES


Similar Part No. - ASQUD3

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASQ03 PAIRUI-ASQ03 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03020 PAIRUI-ASQ03020 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03021 PAIRUI-ASQ03021 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03022 PAIRUI-ASQ03022 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03023 PAIRUI-ASQ03023 Datasheet
573Kb / 6P
AC-DC Converter
More results

Similar Description - ASQUD3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
Multifunction Converter
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
SELEC Controls Pvt. Ltd
MFM374 SELEC-MFM374 Datasheet
618Kb / 2P
Multifunction Meter
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
Multifunction Counter
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
logo
List of Unclassifed Man...
WF1945B ETC2-WF1945B Datasheet
2Mb / 188P
MULTIFUNCTION SYNTHESIZER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com