Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP60B Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT40GP60B
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60B Datasheet(HTML) 2 Page - Advanced Power Technology

  APT40GP60B Datasheet HTML 1Page - Advanced Power Technology APT40GP60B Datasheet HTML 2Page - Advanced Power Technology APT40GP60B Datasheet HTML 3Page - Advanced Power Technology APT40GP60B Datasheet HTML 4Page - Advanced Power Technology APT40GP60B Datasheet HTML 5Page - Advanced Power Technology APT40GP60B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APT40GP60B_S
DYNAMIC CHARACTERISTICS
Symbol
Cies
Coes
Cres
VGEP
Qg
Qge
Qgc
SSOA
td(on)
tr
td(off)
tf
Eon1
Eon2
Eoff
td(on)
tr
td(off)
tf
Eon1
Eon2
Eoff
Test Conditions
Capacitance
VGE = 0V, VCE = 25V
f = 1 MHz
Gate Charge
VGE = 15V
VCE = 300V
IC = 40A
TJ = 150°C, RG = 5Ω, VGE =
15V, L = 100µH,VCE = 600V
Inductive Switching (25°C)
VCC(Peak) = 400V
VGE = 15V
IC = 40A
RG = 5Ω
TJ = +25°C
Inductive Switching (125°C)
VCC(Peak) = 400V
VGE = 15V
IC = 40A
RG = 5Ω
TJ = +125°C
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Gate-to-Emitter Plateau Voltage
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller ") Charge
Switching SOA
Turn-on Delay Time
Current Rise Time
Turn-off Delay Time
Current Fall Time
Turn-on Switching Energy 4
Turn-on Switching Energy (Diode) 5
Turn-off Switching Energy 6
Turn-on Delay Time
Current Rise Time
Turn-off Delay Time
Current Fall Time
Turn-on Switching Energy 4
Turn-on Switching Energy (Diode) 5
Turn-off Switching Energy 6
MIN
TYP
MAX
4610
395
25
7.5
135
30
40
160
20
29
64
45
385
644
352
450
20
29
89
69
385
972
615
950
UNIT
pF
V
nC
A
ns
µJ
ns
µJ
UNIT
°C/W
gm
MIN
TYP
MAX
.23
N/A
5.90
Characteristic
Junction to Case (IGBT)
Junction to Case (DIODE)
Package Weight
Symbol
RΘJC
RΘJC
WT
THERMAL AND MECHANICAL CHARACTERISTICS
1 Repetitive Rating: Pulse width limited by maximum junction temperature.
2 For Combi devices, I
ces
includes both IGBT and FRED leakages
3 See MIL-STD-750 Method 3471.
4E
on1
is the clamped inductive turn-on-energy of the IGBT only, without the effect of a commutating diode reverse recovery current
adding to the IGBT turn-on loss. (See Figure24.)
5E
on2
is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching
loss. A Combi device is used for the clamping diode as shown in the E
on2
test circuit. (See Figures 21, 22.)
6E
off
is the clamped inductive turn-off energy measured in accordance wtih JEDEC standard JESD24-1. (See Figures 21, 23.)
7 Continuous current limited by package lead temperature.
APT Reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com