Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40GP60B Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APT40GP60B
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40GP60B Datasheet(HTML) 5 Page - Advanced Power Technology

  APT40GP60B Datasheet HTML 1Page - Advanced Power Technology APT40GP60B Datasheet HTML 2Page - Advanced Power Technology APT40GP60B Datasheet HTML 3Page - Advanced Power Technology APT40GP60B Datasheet HTML 4Page - Advanced Power Technology APT40GP60B Datasheet HTML 5Page - Advanced Power Technology APT40GP60B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10,000
5,000
1,000
500
100
50
10
0
180
160
140
120
100
80
60
40
20
0
VCE, COLLECTOR-TO-EMITTER VOLTAGE (VOLTS)
VCE, COLLECTOR TO EMITTER VOLTAGE
Figure 17, Capacitance vs Collector-To-Emitter Voltage
Figure 18, Minimim Switching Safe Operating Area
0
10
20
30
40
50
0
100
200
300
400
500
600
700
IC, COLLECTOR CURRENT (A)
Figure 20, Operating Frequency vs Collector
Current
TYPICAL PERFORMANCE CURVES
260
100
50
10
20
30
40
50
60
70
80
TJ = 125°C
TC = 75°C
D = 50 %
VCE = 400V
RG = 5 Ω
Cres
Cies
Coes
max
max1
max 2
max1
d (on)
r
d( off )
f
diss
cond
max 2
on 2
off
JC
diss
JC
Fmin(f
, f
)
0.05
f
tt
t
t
PP
f
EE
TT
P
R θ
=
=
++
+
−
=
+
−
=
APT40GP60B_S
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.25
0.20
0.15
0.10
0.05
0
0.5
0.1
0.3
0.7
0.9
0.05
0.0106
0.0868
0.133
0.00663F
0.0106F
0.262F
Power
(Watts)
Junction
temp. ( ”C)
RC MODEL
Case temperature
FIGURE 19B, TRANSIENT THERMAL IMPEDANCE MODEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com