Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4710 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R4710
Description  Rockchip RK3399 Cortex-A72 ARM Based Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4710 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R4710 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN
Serial Port
USB Host
SD
Operating Temperature
EPC-R4710NO-XAA1E
Rockchip RK3399
2GB
16GB
2
2
6
6
1
0 ~ 50 °C
EPC-R4710IO-XAA1E
Rockchip RK3399K
2GB
16GB
2
2
6
6
1
-20 ~ 70 °C
EPC-R4710NO-XAA1BE* Rockchip RK3399
2GB
16GB
2
2
6
6
1
0 ~ 50 °C
EPC-R4710IO-XAA1BE*
Rockchip RK3399K
2GB
16GB
2
2
6
6
1
-20 ~ 70 °C
*this sku has BSMI certification
EPC-R4710
Packing List
Part Number
Description
EPC-R4710
EPC-R4710 Box computer
1960083394N001
VESA MOUNT BKT 2U2X EPC-R4710
Optional Accessories
Port Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V C6 LOCK DC JACK 62368
96PSA-A60W12W7-4
ADP A/D 100-240V 60W 12V LOCK DC PLUG WIDE
TEMP
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700001524
Power cord 3P UL 180cm
1700008921
Power Cord 3P PSE 183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
EWM-W188M201E
WiFi 802.11ac/abgn 2T2R and BT4.2
1750008800-01
Antenna Cable R/P SMA (M) to MHF4, 100mm
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
968AD00479*
4G module LTE Cat 4 for China
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module,
MPCI-L280H
1750006264
Antenna cable SMA(F)/MHF 15cm
1750008303-01
Antenna AN0727-64SP6BSM
SQF-MSDM1-8G-21C SQF MICRO SD C10 MLC 8G (-25 ~ 85 °C)
* Please contat us to get suitiable celluar module for your region.
External I/O
Dimensions
Unit: mm
190
205
220
R2.25
R5
Ø4.5
Antenna (Reserved)
Antenna (Reserved)
Antenna (Reserved)
Lin out
Mic in
LAN x2
RS232
DC in
Reset
USB2.0
USB3.0
RS232/Debug
GPIOs
HDMI x2
OTG
Antenna (Reserved)
WLAN
RS232x2
System Power
RS232/485x2
USB2.0x3
Power on



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com