Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4710 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R4710
Description  Rockchip RK3399 Cortex-A72 ARM Based Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4710 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R4710 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
ƒ
Rockchip RK3399 ARM Dual Cortex-A72 and Quad Cortex-A53 1.8 GHz
ƒ
Onboard 2GB LPDDR4 memory and 16GB eMMC
ƒ
Dual HDMI(4K 60fps + 1080P)
ƒ
Support 4K H.264/H.265 Video decoder
ƒ
6 serial, 1 USB3.0, 4 USB2.0 ,1 USB OTG, 2 GbE, 1 SPI, 1 I2C, 5 GPIO
ƒ
M.2 for WIFI/BT support, mini-PCIe for 3G/4G support
ƒ
Support Linux and Android
EPC-R4710
Rockchip RK3399 Cortex-A72 ARM
Based Box Computer
Introduction
EPC-R4710 is an Arm based Box Computer powered by a high-performance Rockchip RK3399 ARM dual Cortex-A72 and quad Cortex-A53 high performance processor which
supports 4K display from HDMI. It offers both rich display as dual HDMI and rich IO as dual GbE/6serials/6USB/5GPIO. EPC-R4710 also features Mini-PCIe, M.2, and SIM card
slots for integrating Wi-Fi, Bluetooth, and 3G/4G modules. It is an ideal solution for Kiosk, POS, and Vending machine application.
Specifications
Form Factor
ARM-based Box Computer
Processor
CPU
Rockchip RK3399 ARM dual Cortex-A72 and quad Cortex-A53 1.8 GHz
Memory
Technology
LPDDR4 1333MHz
Capacity
On-board LPDDR4 2GB
Flash
16GB of eMMC NAND Flash for OS and Advantech's boot loader
Graphics
HDMI
2
eDP
1, max 2.7Gbps
H/W Video Codec
Decoder: MPEG-1, MPEG-2, MPEG-4, H.263, H.264, AVS, VC-1, VP8, MVC, HEVC/H.265 decoder, 4k@60FPS
Encoder: H.264 (BP@level4.0, MP, HP@level4.0), MVC and VP8
Ethernet
Chipset
RTL8211FSI
Speed
2 x 10/100/1000 Mbps
RTC
Yes (Max timeout: 21s, Default timeout: 10s)
WatchDog Timer
Yes
Expansion
SD socket
1 x Micro SD slot
M.2
1 x M.2 2230 Key E slot, w/SIDO*UART*PCIe*USB
mini PCIe
1 x Full size mini PCIe slot (USB signal only)
SIM
1 x SIM slot
I/O
SATA
-
SATA Power
-
USB
5 x USB Type A, 1 x USB OTG
Audio
1 x line-out, 1 x mic-in
SPDIF
-
Serial Port
1 RS232/debug
3 RS232 w/2wire
2 RS232/485 w/4wier
SPI
1 x SPI by pin header
CAN
-
GPIO
5 x GPIO via D-SUB 9 (3.3V TTL level)
I2C
1 x I2C by pin header
System Bus
-
Touch
-
I/R
-
LED
1 Green LED for system power
1 Orange LED for WLAN
Button
1 x Power button, 1 x Reset button
Power
Power Supply Voltage
12V
Power Type
DC-in
Power Consumption
Boost 15W@12V
Environment
Operational Temperature
0 ~ 50 °C/-20 ~ 70 °C
Operating Humidity
5% ~ 95%
Mechanical
Dimensions (W x D)
190 x 150 x 43 mm
Operating System
Android/Linux
Certifications
CCC/CE/FCC/BSMI Class B
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice.
Last updated: 25-Apr-2022


Similar Part No. - EPC-R4710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
EPC-R4760CQ-QNA1E ADVANTECH-EPC-R4760CQ-QNA1E Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
EPC-R4760CQ-WNA1E ADVANTECH-EPC-R4760CQ-WNA1E Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
More results

Similar Description - EPC-R4710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
EPC-R4680 ADVANTECH-EPC-R4680 Datasheet
565Kb / 2P
Rockchip RK3288 Cortex-A17 ARM Based Box Computer
19-Dec-2018
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-4680 ADVANTECH-RSB-4680 Datasheet
3Mb / 4P
Rockchip ARM Cortex-A17 RK3288 3.5 SBC
7-Jul-2021
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com