Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R7000 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R7000
Description  NVIDIA Jetson TX2 ARM-Based Edge AI Inference Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R7000 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R7000 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Storage
HDMI
LAN Software
Operating
Temperature
EPC-R7000IQ-SUA1E
NVIDIA Jetson Tegra X2
8GB LPDDR4
32GB eMMC
1
1
Ubuntu OS with AIM-Linux/Edge AI
Software Package
-20 ~ 60 °C
EPC-R7000
Packing List
Part Number
Description
EPC-R7000
EPC-R7000 Edge AI Inference Box Computer
Dimensions
Unit: mm
Optional Accessories
Port Number
Description
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 183 cm
1700019146
Power Cord CCC 3P 10A 250V 183 cm
1700008921
Power Cord 3P PSE 183 cm
TBD
Half PoE Camera 180°
TBD
Bullet PoE Camera 78°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com