Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R7000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R7000
Description  NVIDIA Jetson TX2 ARM-Based Edge AI Inference Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R7000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R7000 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R7000 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Single Board Computers
Features
ƒ
NVIDIA® JETSON™ TX2
Dual-Core NVIDIA Denver2 + Quad-Core ARM Cortex-A57
ƒ
NVIDAI Pascal™ 256 CUDA Cores GPU
ƒ
8GB LPDDR4 and 32GB eMMC NAND Flash Onboard
ƒ
1 Gigabit Ethernet Port and 2 PoE Ports (IEEE 802.3af)
ƒ
802.11a/b/g/n/ac 2×2 WiFi and Bluetooth 4.1
ƒ
AIM-Linux/Edge AI Software Package Support
ƒ
4K H.264/H.265 Encoder & Decoder
ƒ
-20 ~ 60 °C Operating Temperature/ 19V DC Power Supply
EPC-R7000
NVIDIA Jetson TX2 ARM-Based
Edge AI Inference Box Computer
Introduction
EPC-R7000 is an ARM-based Edge AI Inference Box Computer powered by NVIDIA® JETSON™ TX2 Dual-Core NVIDIA Denver2 + Quad-core ARM Cortex-A57 processor and NVIDIA
Pascal™ 256 CUDA cores GPU which provides high performance computing and supports the AIM-Linux/Edge AI Software Package. It is an ideal solution for AI and Machine Vision
applications.
Specifications
Form Factor
ARM-Based Box Computer
Processor
CPU
Dual-Core NVIDIA Denver 2 64-Bit CPU
Quad-Core ARM® Cortex®-A57 MPCore
GPU
NVIDIA Pascal™ GPU Architecture with 256 NVIDIA CUDA Cores
Memory
Technology
LPDDR4 1600MHz
Capacity
On-board 8GB LPDDR4
Flash
32GB eMMC NAND Flash
Graphics
HDMI
1 HDMI, 3840 x 2160 at 60Hz
H/W Video Codec
Encode: H.264, H265,VP8
Decode: H.264, H265,VP8, MPEG4, 4k@60FPS
Ethernet
Chipset
Integrated RGMII
Speed
1 10/100/1000 Mbps
RTC
Yes
WatchDog Timer
Yes
Expansion
SATA
(2.5" HDD/SSD 1TB, Optional)
Connectivity
WiFi
802.11a/b/g/n/ac 2×2 WiFi
Bluetooth
Bluetooth 4.1
I/O
USB
4 x USB 3.0 Type-A; 1 x USB 2.0 Micro-AB
Audio
1 x line-out
SPDIF
-
Serial Port
1 x 4-wire RS-232
CAN
-
GPIO
12 x GPIO (6 x DO, 6 x DI), 5V level
I2C
-
System Bus
-
Touch
-
I/R
-
LED
1 x Power LED
Button
1 x Reset Button, 1 x Recovery Button
Camera
2 x 802.3af (PSE Power Max 15.4W Out)
Power
Power Supply Voltage
19V
Power Type
DC-in
Power Consumption
TBD
Environment
Operational Temperature
-20 ~ 60 °C
Operating Humidity
5% ~ 95%
Mechanical
Dimensions (W x D)
204 x 138 x 67 mm
Operating System
Ubuntu
Certifications
CCC/CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - EPC-R7000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R7200 ADVANTECH-EPC-R7200 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200 ADVANTECH-EPC-R7200 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
EPC-R7200IJ-ALA100 ADVANTECH-EPC-R7200IJ-ALA100 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA120 ADVANTECH-EPC-R7200IJ-ALA120 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
EPC-R7200IJ-ALA140 ADVANTECH-EPC-R7200IJ-ALA140 Datasheet
1Mb / 3P
Industrial-Grade Nvidia Jetson Barebone Box PC
7-Sep-2022
More results

Similar Description - EPC-R7000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIR-020N ADVANTECH-AIR-020N Datasheet
1Mb / 3P
AI Inference System Based on NVIDIA® Jetson™ Nano
19-Aug-2022
AIR-020T ADVANTECH-AIR-020T Datasheet
1Mb / 3P
AI Inference System Based on NVIDIA® Jetson™ TX2 NX
19-Aug-2022
AIR-030 ADVANTECH-AIR-030 Datasheet
809Kb / 3P
AI Inference System Based on NVIDIA® Jetson AGX Orin
29-Aug-2022
MIC-710AI ADVANTECH-MIC-710AI Datasheet
597Kb / 2P
AI Inference System based on NVIDIA Jetson® NANO
25-Jul-2022
MIC-710AILT ADVANTECH-MIC-710AILT Datasheet
627Kb / 2P
AI Inference System (Lite) based on NVIDIA® Jetson™ TX2 NX
17-Jun-2022
MIC-710AIT ADVANTECH-MIC-710AIT Datasheet
608Kb / 2P
AI Inference System Based on NVIDIA® Jetson™ TX2 NX
25-Jul-2022
MIC-711D-OX ADVANTECH-MIC-711D-OX Datasheet
781Kb / 2P
AI Inference System Based on NVIDIA® Jetson Orin™ NX
21-Dec-2022
MIC-713S-OX ADVANTECH-MIC-713S-OX Datasheet
1Mb / 2P
AI Inference System Based on NVIDIA® Jetson Orin™ NX
4-Jan-2023
MIC-730AI ADVANTECH-MIC-730AI Datasheet
556Kb / 2P
AI Inference System based on NVIDIA Jetson® Xavier
14-Apr-2022
logo
AAEON Technology
BOXER-8231AI AAEON-BOXER-8231AI Datasheet
374Kb / 2P
AI@Edge Compact Fanless Embedded BOX PC with NVIDIA Jetson TX2 NX
2022/11/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com