Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3720IQ-ALA16B Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3720IQ-ALA16B
Description  NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3720IQ-ALA16B Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3720IQ-ALA16B Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3720IQ-ALA16B Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3720IQ-ALA16B Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3720IQ-ALA16B Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
ƒ
NXP i.MX8M Plus Cortex®-A53 Quad Core 1.6GHz
ƒ
On-board LPDDR4 6 GB, 4000MT/s memory
ƒ
HDMI up to 3840 x 2160 at 30Hz resolution
ƒ
Dual GbE LAN, 1 USB2.0 and 1 USB3.2 Gen 1
ƒ
1 Micro SD Socket & 1 Nano SIM Slot
ƒ
1 mini-PCIe for 3G/4G, 1 M.2 2230 Key E Slot
ƒ
Yocto Linux and Android
ƒ
4 Kinds of Rear I/O for Each Vertical Focus: IEM, Self Service, Automation
and Networking
EPC-R3720
NXP i.MX8M Plus Cortex®-A53
Edge AI RISC-based Box Computer
Specifications
Model
EPC-R3720IQ-ALA200
EPC-R3720IQ-ALA220
EPC-R3720IQ-ALA240
EPC-R3720IQ-ALA260
Processor System
CPU
NXP i.MX8M Plus Cortex®-A53 Quad 1.6 GHz
Memory
Technology
LPDDR4
Capacity
6 GB On-board
Flash
16 GB On-board eMMC Flash for OS and 8 MB QSPI NOR Flash for board information
Graphics
HDMI
1 x HDMI 2.0a, up to 3840 x 2160 at 30Hz
Graphics Engine
GC7000UL with 2D/3D Graphic Acceleration supporting 1G Pixel/s, OpenVG 1.1, Open GL ES3.1, Vulkan and open
CL 1.2 FP
H/W Video Codec
Decoder: 1080p60 HEVC/H.265 Main, VP9 Profile 0/2, VP8, AVC/H.264 Baseline/Main/High
Encoder: 1080p60 AVC/H.264, HEVC/H.265
Ethernet
Chipset
NXP i.MX8M Plus integrated RGMII
Speed
2 10/100/1000 Mbps
Watchdog Timer
Watchdog Timer
1~6553s, power on/off 4s
Front I/O
USB
1 x USB3.2 Gen 1 Type A, 1 x USB 2.0 Type A
GbE
2 x RJ45 for GbE
COM/CAN
1 x DB9 for RS-232/422/485 and 1 x CAN-FD
Rear I/O
UIO-4030
1 x RS-485, 1 x 2 wires RS-232
4 x DIs, 4 x DOs
UIO-4032
2 x 2 wires RS-232
1 x GbE, 2 x USB 2.0
UIO-4034
2 x 2 wires RS-232
1 x CAN Bus 2.0B
UIO-4036
4 x GbE (Hub)
Expansion
Full-Size Mini PCIe
1 Full Size Mini-PCIe Slot (USB Signal Only)
M.2 Micro
1 M.2 2230 Key E Slot (USB/PCIe/SDIO/UART/I2S)
SD Socket
1 Micro SD Socket
SIM
1 Nano SIM Slot
Antenna Holes
4
Power
Power Supply Voltage
+12V
Power Type
Lockable DC-Jack
Power Consumption
9.2W
Environment
Operating Temperature
-40 ~ 70 °C
Operating Humidity
5% ~ 95% relative humidity, non-condensing
Mechanical
Dimensions
174 x 108 x 25 mm
Mounting
Wall mount, DIN Rail mount
Weight
750g
Operating System
Linux
Yocto
Android
Android
Certifications
CE/FCC Class B/CCC/BSMI
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 12-Sep-2022


Similar Part No. - EPC-R3720IQ-ALA16B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R3710IO-XAA100 ADVANTECH-EPC-R3710IO-XAA100 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R3710IO-XAA10B ADVANTECH-EPC-R3710IO-XAA10B Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R3710IO-XAA120 ADVANTECH-EPC-R3710IO-XAA120 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R3710IO-XAA140 ADVANTECH-EPC-R3710IO-XAA140 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
More results

Similar Description - EPC-R3720IQ-ALA16B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com