Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-BRKB5-RACK Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-BRKB5-RACK
Description  Embedded System with 4 PCIE Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-BRKB5-RACK Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-BRKB5-RACK Datasheet HTML 1Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EPC-B5505
Dimensions
Unit: mm
Ordering Information
Model
PSU
Chipset
UDIMM
288-Pin Slot
2.5" SATA
Bay
Rear IO
Expansion
Display Port
DVI
VGA
GbE
USB3.2 Gen2 x1
USB2.0
COM PCI PCIE x1
PCIE x16
EPC-B5505-AB00000 Bare-bone 300W
H110
2
2
1
1
1
2
4
4
1
1
2
1
Remarks
Bare-bone, NO CPU, NO RAM, NO Storages
Packing List
Item
Part Number
Quantity
CPU Cooler
1960047669N001
1
2.5” Storage Metal Tray
1960106298N000
1
SATA2 Cable
1700032173-01
1
SATA1 Cable
1700032174-01
1
Screw M3x4 To Fix SATA Cable
193B030430
4
Screw M3x6 To Fix 2.5" Storage Tray
1930004828
4
Rubber for 2.5" Storage Tray
1990001365
4
Screw M3*4 To Fix 2.5" Storage
1930005836-01
8
Adhesive backed mount
1990025684S000
1
CABLE TIE (P.G. GT-160M)
1992822010
4
Front View
Rear View
Inside
Optional Accessory
Item
Part Number
Description
Power Cable
1700000596-11
Power cable 3-pin 183cm, China type
1702031801
Power cable 3-pin 183cm, UK type
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, Europe type
1700000237-01
Power cable 3-pin 183cm, Japan type
Bracket
EPC-BRKB5-CARD
Metal Brackets for PCIE Expansion Cards
EPC-BRKB5-RACK
EPC-B5000 Rack Mount Bracket
COM Cable
EPC-CABB5-COM05
EPC-B5505 COM cable peripheral
(1 1to1 DB-9 cable, 1 1to4 DB-9 cable)
Embedded OS/API
OS/API
Part Number
Description
WES7E
2070014651
Image WES7E
WE8.1
2070014658
Image WE8.1
Win 10
2070015047 / 2070015048
image W10
System Power On/Off LED
Power Switch SATA LED
LAN1 & LAN2 LED
The Jack for Extended Power Switch
DB9 Cutouts
DB9 Cutouts 2 RJ45 LAN
Antenna Cutouts
VGA
DP
4 USB3.2 Gen2 x1 Line Out
Mic In
4 USB2.0
COM
DVI
4 PCIE
Expansions
Thumb Screws
Top Cover
CPU Cooler
P/N:1960047669N001
Motherboard:
AIMB-505G2-00A1E
380



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com