Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-BRKB5-RACK Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-BRKB5-RACK
Description  Embedded System with 4 PCIE Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-BRKB5-RACK Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-BRKB5-RACK Datasheet HTML 1Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
EPC-B5505
Embedded System with
4 PCIE Expansion Slots
ƒ
4U Embedded System for Micro-ATX motherboard
ƒ
Up to 4 PCIE Expansion Slots
ƒ
2 Shock Resistant 2.5" drive bays
ƒ
To accommodate 300W PSU for different applications
ƒ
Plentiful IO Ports for Various Applications
Specifications
Model Name
EPC-B5505
Motherboard
AIMB-505G2-00A1E
Dimensions (W x H x D)
Dimensions (W x H x D)
380 x 176 x 454.1 mm
System Thermal Design
CPU Cooler
CPU cooler
PSU
300W
System Fan
One
Environmental Conditions
Operating Temperature
0 ~ 40 °C
Non-operating Temperature
-20 ~ 60 °C
Humidity
10 ~ 95% @ 40 °C, non-condensing
Vibration (5 ~5 00Hz)
3Grms (w/o Expansion Cards)
CPU
CPU
I7-7700/
I7-7700T i7-6700 i7-6700TE I5-7500/
I5-7500T i5-6500 i5-6500TE I3-7101/
I3-7101TE i3-6100 i3-6100TE
Pentium
G4400/
G4400TE
Celeron
G3900/
G3900TE
Chipset
Chipset
H110
Storage
Storage Bay
2 x 2.5" HDD/SSD
Front IO
Power switch
1
LED
1 Power LED
1 HDD LED
2 LAN LED
Power remote Jack
1 2.5
Φ Jack
Rear IO (By Motherboard)
Display ports
VGA x1, DVI x1, DP x1 (Only Two Independent Displays)
USB
4 USB3.2 Gen2 x1
4 USB2.0
Serial port
1 COM
LAN
2 RJ45 GbE
Audio
1 Mic-in, 1 Line-out
Certification
EMC / Safety / Certifications
CE / FCC (Class B) / CCC / CB / UL
Power Requirements
300W
ATX / AT mode
Weight
Weight
15.5
PCIE Expansions for 300W
1 PCIE x16
2 PCIE x1
1 PCI
All product specifications are subject to change without notice.
Last updated: 14-Apr-2022


Similar Part No. - EPC-BRKB5-RACK

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-BRKB5-RACK ADVANTECH-EPC-BRKB5-RACK Datasheet
1Mb / 4P
Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
More results

Similar Description - EPC-BRKB5-RACK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EPHS-P1 ETC2-VL-EPHS-P1 Datasheet
669Kb / 2P
The VL-EPHs-P1 expansion module provides Mini PCIe socket expansion for any SUMIT-based embedded system.
logo
Axiomtek Co., Ltd.
IPC914-211-FL AXIOMTEK-IPC914-211-FL Datasheet
467Kb / 2P
Supports 4 expansion slots
IPC924-212-FL AXIOMTEK-IPC924-212-FL Datasheet
578Kb / 2P
Supports 4 expansion slots
IPC934-230-FL AXIOMTEK-IPC934-230-FL Datasheet
320Kb / 2P
Supports 4-slot expansion slots
logo
Advantech Co., Ltd.
SYS-4U4000-4F04 ADVANTECH-SYS-4U4000-4F04_14 Datasheet
1Mb / 2P
4U Intel짰 Core??2 Quad PICMG1.0 System with 11 Expansion Slots
logo
Moxa Inc.
V2201 MOXA-V2201 Datasheet
1Mb / 6P
2 mini PCIe expansion slots for wireless
logo
Advantech Co., Ltd.
ARK-5261 ADVANTECH-ARK-5261_V01 Datasheet
442Kb / 2P
Fanless Embedded Box PC with Intel짰 Celeron짰 J1900 Processor, PCI/PCIe Expansion Slots, and Dual Mobile HDDs/SSDs
13-Sep-2017
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com