Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
EPC-C301
Ordering Information
Part Number
CPU
Max. Frequency
Core
Memory
Storage
OS
Adapter
AI Accelerator Card
Operating Temp
EPC-C301EVK-S7A1
i7-8665UE
4.40 GHz
4
16GB (Dual Channel)
128G SATA SSD
Ubuntu v18.04
Yes
Yes (VEGA-330)
-20 ~ 50 degree
EPC-C301C7-S7A1
i7-8665UE
4.40 GHz
4
16GB (Dual Channel)
128G SATA SSD
N/A
No
No
-20 ~ 60 degree
EPC-C301EVK-S6A1
i5-8365UE
4.10 GHz
4
8GB (Single Channel)
128G SATA SSD
Ubuntu v18.04
Yes
Yes (VEGA-330)
-20 ~ 50 degree
EPC-C301C5-S6A1
i5-8365UE
4.10 GHz
4
8GB (Single Channel)
128G SATA SSD
N/A
No
No
-20 ~ 60 degree
Packing List
Part No.
Description
Quantity
EPC-C301
1
Quick Start Guide (for EVK SKU only)
1
China RoHS
1
Optional Accessories
Part No.
Description
96PSA-A120W12W7-3
Adapter 100-240V 120W 12V, LOCKABLE DC JACK
1702002600-01
Power cable 3-pin 183 cm, USA type
1700018704
Power cable 3-pin 180 cm, UK type
1702002605
Power cable 3-pin 183 cm, Europe type
1700000237-01
Power cable 3-pin 183 cm, PSE type
Embedded OS/API
Embedded OS/API
Part No.
Description
Win10
(High End for Core i7)
20706WX9HS0135
img W10 19HL EPC-C301 64b 1809 ENU
Win10
(Value for Core i5/i3)
20706WX9VS0139
img W10 19VL EPC-C301 64b 1809 ENU
Ubuntu v18.04
36OSC301000101
Ubuntu V18.04 image w/ Intel OpenVINO
Toolkit
Ubuntu v20.04
20706U20DS0002
img Ubun20.4 EPC-C301 64b 2004 ENU
Software API
N/A
SUSI 4.0/iManager 3.0
Software API
N/A
WISE-PaaS/DeviceOn
Front Panel External I/O Mechanical
Layout/Drawing
Side Panel External I/O mechanical
Layout/ Drawing
USB 3.0
COM1
LAN2 ON/OFF
SIM
ANT COM4 CAN1 ANT
COM3
DIO
CAN2
HDMI
LAN1 DC IN
USB 2.0
COM2
DP
LAN3
MIC
LAN4 Line Out
170
118



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com