Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
Software APIs:
Utilities:
EPC-C301
8th Gen. Intel® Core Processor SoC
Multiple I/Os Fanless Embedded System
ƒ
8th Gen. Intel Core i7-8665UE/i5-8365UE Quad Core
ƒ
Dual Display HDMI + DP, up to 4K2K
ƒ
4 x GbE, 8 x USB3.0/2.0, 4 x UART, 2 x CANBus
ƒ
4 Expansion: M.2 E-Key 2230, M-Key 2280, B-Key 3042, F/S mPCIe
ƒ
DC-in 12V, Wall Mount & DIN Rail
ƒ
iManager3.0 & SW APIs, WISE-PaaS/DeviceOn
Specifications
Platform
Processor
i7-8665UE
i5-8365UE
Base Frequency
1.70 GHz
1.60 GHz
Max. Frequency
4.40 GHz
4.10 GHz
Core/Tread
4/8
4/8
LLC
8MB
6MB
CPU TDP
15W
15W
Chipset
Intel® WHL-U SoC integrated
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR4-2400MT/s
Max. Capacity
32GB
Channel/Socket
Dual Channels / 2 Sockets
ECC Support
N/A
Graphics
Controller
Integrated Intel® UHD Graphics 620
3D/HW Acceleration
DX12, OGL4.4
HW Encode: H.264, MPEG2
HW Decode: H.264, MPEG2
Storage
SSD
M.2 2280 SATA SSD or NVMe SSD (default bundled with SQF-SM8M4-128G-SBE)
Display I/O
HDMI/DP
HDMI1.4 up to 4096x2160@30/24Hz
DP1.2 up to 4096x2306@60Hz (Note: not support Audio stream & Hot-plug & HDCP)
Ethernet
Controller
LAN1: Intel i219, LAN2: Intel i210, LAN3: Intel i210, LAN 4: Intel i210
Speed
10/100/1000 Mbps
Audio
Audio Codec
Realtek ALC888, High Definition Audio, Line-out, Mic-in
Internal expansion Slot
M.2 3042 B-Key
1
M.2 2230 E-Key
1
M.2 2280 M-Key
1 (Default bundled with 128G SATA SSD)
Full Size MiniPCIe
1 (*Intel EVK SKU will default bundled with VEGA-330, Intel® Movidius™ Accelerator Card)
Front Panel
HDMI
1
DP
1
Gigal LAN
4
USB 3.0
4
USB 2.0
4
MIC-In
1
LINE-Out
1
COM
2 x Full RS-232/422/485
DC Jack
1
SIM card
1 (Nano SIM)
Power Button
1
Side Panel
Antenna
4
COM
2 (1 x Full RS-232/422/485, 1 x RS-232)
CANBUS
2 Support CAN 2.0B at 1Mb/s
DIO
1
Miscellaneous
LED Indicators
2 (Power LED , HDD LED)
Switch
-
Circular Cutouts
-
Power Requirement
Power Voltage
Vin: DC 12V ± 10%; RTC Battery: Lithium 3V/210mAH
Power input Type
DC-Jack (only ATX mode)
Consumption
Idle: 6.683W; Max.: 65.591W
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting/ Wall-mounting
Dimension
170 x 118 x 70 mm
Environment
Operating temperature
With extended temperature peripherals: -20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow without VEGA 330/ -20 ~ 50 °C with VEGA 330
Storage Temperature
-40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Regulation
EMC
CE/FCC Class B, CCC, BSMI (*No RED certification)
Safety
CB, UL
*Note: Support by request
GPIO
SMBus/I2C Watch Dog
Timer
Backlight
On/Off
Brightness
CAN bus
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
Data
Security
System Info
NEW
All product specifications are subject to change without notice.
Last updated: 15-Sep-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX312-870-FL AXIOMTEK-TBOX312-870-FL_17 Datasheet
512Kb / 2P
Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL_17 Datasheet
594Kb / 2P
Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX330-870-FL AXIOMTEK-TBOX330-870-FL_17 Datasheet
514Kb / 2P
Fanless Embedded System with 3rd Gen Intel Core Processor and
logo
Advantech Co., Ltd.
MIC-7500 ADVANTECH-MIC-7500 Datasheet
1Mb / 3P
Compact Fanless System with 6th Gen Intel Core i Processor
EPC-T2286 ADVANTECH-EPC-T2286 Datasheet
707Kb / 2P
THIN barebone with 8th Gen. Intel® Desktop Core i Processor
22-Dec-2020
MIC-7420 ADVANTECH-MIC-7420 Datasheet
618Kb / 2P
Rackmount Fanless System with Intel® 6th Gen Core™ i Processor
1-Jun-2021
logo
AAEON Technology
BOXER-6643-TGU AAEON-BOXER-6643-TGU Datasheet
686Kb / 2P
Fanless Embedded Box PC 11th Generation Intel® Core™ SoC Processor
2022/10/06
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPC-WHL BCM-EPC-WHL Datasheet
135Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com