Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-BRKB5-RACK Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # EPC-BRKB5-RACK
Description  Embedded System with 4 PCIE Expansion Slots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-BRKB5-RACK Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  EPC-BRKB5-RACK Datasheet HTML 1Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 2Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 3Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industrial Motherboards & Systems
EPC-B5587
Ordering Information
Model
Front IO
Rear IO
PSU
Chipset
UDIMM
288-Pin Slot
2.5" SATA
Bay
USB3.2 Gen1
Type-A
USB2.0
Type-A
Display
Port
VGA
GbE
10 GbE
USB3.2 Gen2 x2
PCIE x4
PCIE x1
PCIE x16
EPC-B5587-AB00000 Bare-bone
700W
W480E
4
6
2
2
2
1
2
2
4
1
1
1
EPC-B5587-AB10000 Bare-bone
700W
W480E
4
2
N/A
N/A
2
N/A
2
N/A
4
1
1
1
Remarks
Bare-bone, NO CPU, NO RAM, NO Storages
Packing List
For EPC-B5587-AB10000
Item
Part Number
Quantity
CPU Cooler
1960047669N001
1
2.5” Storage Metal Tray
1960106298N000
1
SATA2 Cable
1700032173-01
1
SATA1 Cable
1700032174-01
1
Screw M3x4 To Fix SATA Cable
193B030430
4
Screw M3x6 To Fix 2.5” Storage Tray
1930004828
4
Rubber for 2.5” Storage Tray
1990001365
4
Screw M3*4 To Fix 2.5” Storage
1930005836-01
8
Adhesive backed mount
1990025684S000
1
CABLE TIE (P.G. GT-160M)
1992822010
4
For EPC-B5587-AB00000
Item
Part Number
Quantity
CPU Cooler
1960067860N001
1
Screw M3*4 To Fix 2.5” Storage
1930005836-01
24
Optional Accessory
Item
Part Number
Description
Power Cable
1700000596-11
Power cable 3-pin 183cm, China type
1702031801
Power cable 3-pin 183cm, UK type
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, Europe type
1700000237-01
Power cable 3-pin 183cm, Japan type
Bracket
EPC-BRKB5-CARD
Metal Brackets for PCIE Expansion
Cards
EPC-BRKB5-RACK
EPC-B5000 Rack Mount Bracket
COM Cable
EPC-CABB5-COM07
EPC-B5587 COM cable peripheral
(1 1to1 DB-9 cable, 1 1to4 DB-9 cable)
EPC-CABB5-COM07-01
EPC-B5587 COM cable peripheral
(2 1to1 DB-9 cable)
Embedded OS/API
OS/API
Part Number
Description
Win10
20706WX9HS0136
img W10 1809HL (Eng)
20706WX9ES0150
img W10 1809VL (Eng)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com