Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-BRKB5-RACK Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-BRKB5-RACK
Description  Embedded System with 4 PCIE Expansion Slots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-BRKB5-RACK Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-BRKB5-RACK Datasheet HTML 1Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 2Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 3Page - Advantech Co., Ltd. EPC-BRKB5-RACK Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Motherboards & Systems
Features
EPC-B5587
Embedded System with
4 PCIE Expansion Slots
ƒ
4U Embedded System
ƒ
Up to 4 PCIE Expansion Slots
ƒ
Up to 6 Shock Resistant 2.5" drive bays
ƒ
To accommodate 700W or optional 1200W PSU for different applications
ƒ
Plentiful IO Ports for Various Applications
ƒ
Server Grade CPU for High-end Computing
Specifications
Model Name
EPC-B5587-AB00000
EPC-B5587-AB10000
Motherboard
AIMB-587F-00A1E
AIMB-587WG2-00A1E
Dimensions (W x H x D)
Dimensions (W x H x D)
380 x 176 x 454.1 mm
380 x 176 x 454.1 mm
System Thermal Design
CPU Cooler
CPU cooler
1960067860N001
C.L R4 I-CML-125W 89.7x88.9x64.2-SC 12V4B
CPU cooler
1960047669N001
C.L R3 I-LGA1156 S-95W 12V0.4A
95.0x95.0x69.37mm
System Fan
1 Fan Axial 91x91x25
1 Fan Axial 91x91x25
Environmental Conditions
Operating Temperature
0 ~ 40°C (w/o Graphic card)
Non-operating Temperature
-20 ~ 60°C
Humidity
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~5 00Hz)
3Grms
CPU
*W1290E / *W1290TE
*W1270E / *W1270TE
*W1250E / *W1250TE
i9-10900E / i9-10900TE
i7-10700E / i7-10700TE
i5-10500E / i5-10500TE
i9-10900E / i9-10900TE
i7-10700E / i7-10700TE
i5-10500E / i5-10500TE
Chipset
W480E
Storage
6 x 2.5" HDD/SSD
2 x 2.5" HDD/SSD
Front IO
Power switch
1
LED
1 Power-On LED
1 Power LED
1 HDD LED
2 LAN LED
Power remote Jack
1 2.5Φ Jack
USB Type-A
2 USB3.2 Gen1
2 USB2.0
N/A
Rear IO
Display ports
2 DP ports 4096 x 2304 @ 60 Hz
1 VGA
2 DP ports 4096 x 2304 @ 60 Hz
USB
4 USB3.2 Gen2
LAN
4 RJ45 GbE
LAN1: Intel I219LM
LAN2: Intel I210AT
LAN3/4: Intel X550-AT2
2 RJ45 GbE
LAN1: Intel I219LM
LAN2: Intel I210AT
Audio
1 Mic-in, 1 Line-out
Certification
EMC / Safety / Certifications
CE / FCC / BSMI / CCC / CB / UL
Power Requirements
Power Supply Unit
Default 700W, Option 1200W (Based on Project Request)
Weight
15.5 Kg
Mounting bracket
4U Rack Mount
PCIE Expansions
1 PCIE x16
1 PCIE x4
1 PCIE x1
All product specifications are subject to change without notice.
Last updated: 8-Sep-2022


Similar Part No. - EPC-BRKB5-RACK

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-BRKB5-RACK ADVANTECH-EPC-BRKB5-RACK Datasheet
1Mb / 2P
Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
More results

Similar Description - EPC-BRKB5-RACK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-EPHS-P1 ETC2-VL-EPHS-P1 Datasheet
669Kb / 2P
The VL-EPHs-P1 expansion module provides Mini PCIe socket expansion for any SUMIT-based embedded system.
logo
Axiomtek Co., Ltd.
IPC914-211-FL AXIOMTEK-IPC914-211-FL Datasheet
467Kb / 2P
Supports 4 expansion slots
IPC924-212-FL AXIOMTEK-IPC924-212-FL Datasheet
578Kb / 2P
Supports 4 expansion slots
IPC934-230-FL AXIOMTEK-IPC934-230-FL Datasheet
320Kb / 2P
Supports 4-slot expansion slots
logo
Advantech Co., Ltd.
SYS-4U4000-4F04 ADVANTECH-SYS-4U4000-4F04_14 Datasheet
1Mb / 2P
4U Intel짰 Core??2 Quad PICMG1.0 System with 11 Expansion Slots
logo
Moxa Inc.
V2201 MOXA-V2201 Datasheet
1Mb / 6P
2 mini PCIe expansion slots for wireless
logo
Advantech Co., Ltd.
ARK-5261 ADVANTECH-ARK-5261_V01 Datasheet
442Kb / 2P
Fanless Embedded Box PC with Intel짰 Celeron짰 J1900 Processor, PCI/PCIe Expansion Slots, and Dual Mobile HDDs/SSDs
13-Sep-2017
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
EPC-B3522 ADVANTECH-EPC-B3522 Datasheet
678Kb / 2P
Embedded System with AMD AM4 Platform and 3 PCIE Expansion Slots
4-Aug-2022
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com