Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCNLEV100-CAS Datasheet(PDF) 4 Page - Littelfuse

Part # DCNLEV100-CAS
Description  DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLEV100-CAS Datasheet(HTML) 4 Page - Littelfuse

  DCNLEV100-CAS Datasheet HTML 1Page - Littelfuse DCNLEV100-CAS Datasheet HTML 2Page - Littelfuse DCNLEV100-CAS Datasheet HTML 3Page - Littelfuse DCNLEV100-CAS Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2022 Littelfuse Commercial Vehicle Products
Rev: 050222-C
littelfuse.com
4 of 4
Product Datasheet
Performance Data
MAIN CONTACT
Contact arrangement
1 Form X (SPST-NO, DM)
Rated Operating Voltage
12-750VDC
Continuous (Carry) Current
100A*1
Short term
200A (3 minutes)*2
Max short circuit current
1,250A (1/2 cycle, 60Hz)
Dielectric Withstanding Voltage
Between Contacts: 2500VDC, ≤1mA
Contact to Coil: 2,200Vrms, ≤1mA
Insulation Resistance
Terminal to Terminal/Terminal to coil
New: Min 100 MΩ @500Vdc
End of life: Min 50 MΩ @500Vdc
Voltage Drop (@100A)
≤80mV
LIFE
Electrical Life
See estimated make break chart
Mechanical life
200,000 cycles
ENVIRONMENTAL DATA
Shock, 11ms 1/2 sine, operating
20G Peak
Vibration, Sine, Peak, 20G
80—2,000Hz
Operating Ambient Temperature
-40 to +85˚C
Weight
0.42 Lb (0.19 kg)
OPERATE / RELEASE TIME
Close (includes bounce)
25ms, Max.
Release
10ms, Max.
COIL DATA
Voltage rating
12Vdc
24Vdc
48Vdc
Voltage (Max.)
16Vdc
28Vdc
52Vdc
Pickup voltage (20 ˚C)
8Vdc
16Vdc
33Vdc
Dropout voltage (20 ˚C)
1.2Vdc
2.4Vdc
4.8Vdc
Coil current
(20˚C, voltage rating, nominal)
461mA
250mA
122mA
Coil wattage
(20˚C, voltage rating, nominal)
5.5W
6.0W
6.0W
Max pickup voltage (85˚C)
9.6Vdc
19.2Vdc
38.4Vdc
Rated coil resistance±5% (20˚C)
26 Ω
96 Ω
392 Ω
*1: Current is relevant to the cross-sectional area of conductor.
*2: Ambient temperature: +40˚C, 3 minutes
MAX. BREAKING LIMIT
MAX. SHORT CIRCUIT
1,250A@320VDC, 1 cycle
1,250A, 1sec
AUX. CONTACT
Aux. Contact Arrangement
1 Form A
Aux. Contact Current Max
2A@30VDC/ 3A@125VAC
Aux. Contact Current Min
100mA@8V
Max. Contact Resistance
0.417Ω@30VDC
0.150Ω@125VAC
Current vs Time Curve
Application Note:
1.
Be sure to use washer to prevent screws from loosening, all the terminals or
copper bar must be in direct contact with the contactor’s terminals. Screw
tightening torque is specified below. Exceeding the maximum torque can lead
to product failure.
•
Contact torque: 30 - 40 lb.in (3.4 - 4.5 N.m) Max. Active length of thread
is 7.0 mm
•
Mounting torque: 20 lb.in (2.3 N.m)
2. Contact terminals are polarized so refer to drawing during connecting. We
suggest using a varistor rather than diode as a surge protector.
3. Do not use if dropped.
4. Avoid installing in a strong magnetic field (close to a transformer or magnet),
or near a heat source.
5. Electrical life
Use per load capability and life cycle limits so as not to cause a function
failure (treat the contactor as a product with specified life and replace it when
necessary). It is possible to make parts burn around the contactor once
operating failure occurs. It is necessary to take layout into account and to
make sure power shall be cut off within 1 second.
6. Lifetime of internal gas diffusion
The contactor is sealed and filled with gas, lifetime of gas diffusion is
determined by temperature in contact chamber (ambient temperature +
temperature generated by contact operation). Operate only in an ambient
temperature from -40 to +85 ˚C.
7.
Drive power must be greater than coil power or it will reduce performance
capability.
8. Avoid debris or oil contamination on the main terminals to optimize contact
and avoid excess heat generation.
POLARIZED LOAD
NON-POLARIZED LOAD
Voltage (VDC)
650
450
650
450
Current(A)
100
100
100
100
Electrical Life (cycles)
2,000
10,000
1,000
10,000
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com