Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCNLEV100-CAS Datasheet(PDF) 1 Page - Littelfuse

Part # DCNLEV100-CAS
Description  DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLEV100-CAS Datasheet(HTML) 1 Page - Littelfuse

  DCNLEV100-CAS Datasheet HTML 1Page - Littelfuse DCNLEV100-CAS Datasheet HTML 2Page - Littelfuse DCNLEV100-CAS Datasheet HTML 3Page - Littelfuse DCNLEV100-CAS Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2022 Littelfuse Commercial Vehicle Products
Rev: 050222-C
littelfuse.com
1 of 4
Product Datasheet
DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
Specifications Overview
Amperage:
100A Continuous Carry
Housing:
Nylon UL 94-V0
Voltage Rating:
750V
Output Connectors:
M5 Bolt and Lockwasher Connections
Connectors:
Wire Leads for Control Circuit
Ingress Protections:
IP67
Operating Temperature:
-40 to 85°C
Circuitry:
SPST NO
Coil Voltage:
B: 12V DC Nominal, 8-16V DC Working
C: 24V DC Nominal, 16-28V DC Working
E: 48V DC Nominal, 33-52V DC Working
Max Coil Inrush Current:
B: 461mA Max to Coil
C: 250mA Max to Coil
E: 122mA Max to Coil
Mounting:
M4 with Compression Limiters
Size:
46mm x 53mm x 53mm
Mounting Bolt Torque:
2.3 Nm (20 in-lb)
Contact Torque:
3.4 - 4.5 Nm (30 - 40 in-lb)
Terminals:
M5 Silver Plated Copper
Approvals:
UL File No. E510407 Recognized
Web Resources
Download 2D print and technical resources at:
littelfuse.com/DCNLEV100
Description
High current and high voltage DC contactor relays for electric
vehicle applications such as battery power supply, charging
pill, motor control, circuit insulation, circuit protection, and
also safety devices for industrial machinery. Available with
polarized and non-polarized contacts to best suit electrical
systems’ polarity.
Features and Benefits
• High current (100A) and high voltage (750V) contactor for
EV applications
• Compact structure, helping reduce noise when turned on
• Sealed IP67, gas-filled relay which mitigates arcing
• No mounting orientation restrictions
• Designed and manufactured under the IATF16949
certification for Automotive Quality Systems.
• Designed specifically for automotive applications.
Applications
• Battery Electric Vehicles
• Hybrid Electric Vehicles
• Material Handling
• Electric Maintenance and Transport Vehicles
• Industrial applications
Side
Mount
Bottom
Mount
Ordering Information
Please see page 2 for more information


Similar Part No. - DCNLEV100-CAS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNLEV50 LITTELFUSE-DCNLEV50 Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-B LITTELFUSE-DCNLEV50-B Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BA LITTELFUSE-DCNLEV50-BA Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BAN LITTELFUSE-DCNLEV50-BAN Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BAS LITTELFUSE-DCNLEV50-BAS Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
More results

Similar Description - DCNLEV100-CAS

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
logo
Littelfuse
DCNEV150 LITTELFUSE-DCNEV150 Datasheet
805Kb / 3P
DCNEV150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEV250 LITTELFUSE-DCNEV250 Datasheet
1Mb / 4P
DCNEV250 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150 LITTELFUSE-DCNEVT150 Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT350 LITTELFUSE-DCNEVT350 Datasheet
896Kb / 3P
DCNEVT350 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-D
DCNEVT400 LITTELFUSE-DCNEVT400 Datasheet
865Kb / 3P
DCNEVT400 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-D
DCNEVT500 LITTELFUSE-DCNEVT500 Datasheet
670Kb / 3P
DCNEVT500 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-E
DCNLEV50 LITTELFUSE-DCNLEV50 Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNSEV30 LITTELFUSE-DCNSEV30 Datasheet
643Kb / 2P
DCNSEV30 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060222-D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com