Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel Atom E3900 series Embedded SBC Fanless Slim System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
EPC-S202
Packing List
Part No.
Description
Quantity
1 x EPC-S202 Unit
1
Front View
Side View
Ordering Information
Part Number
CPU
Memory
Storage
HDMI
GbE
USB 3.0
RS-232/422/485
Power Input
Operating Temp
EPC-S202E-S8A1
Atom E3930 1.80 GHz
On-board 4GB
LPDDR4
On-board 32G
eMMC
1
2
2
2
12V
-20 ~ 60 °C
EPC-S202E-U0A1
Atom E3950 2.00 GHz
On-board 4GB
LPDDR4
On-board 32G
eMMC
1
2
2
2
12V
-20 ~ 60 °C
*Default BIOS supports 64 bits OS installation, BIOS for 32 bits OS installation is supported by project.
Optional Accessories
Part No.
Description
96PSA-A60W12P2-3
DC power 12V/5A 60W, 0 ~ 40 °C, w/ Phoneix Jack type
1702002600-01
Power cable 3-pin 183 cm, USA type
1700018704
Power cable 3-pin 180 cm, UK type
1702002605
Power cable 3-pin 183 cm, Europe type
1700000237-01
Power cable 3-pin 183 cm, PSE type
ESBC-0BRK-WM02
Wall mount kit
ESBC-0BRK-DR01
DIN Rail kit
EWM-W195M201E
WiFi/BT module: 802.11 a/b/g/n/ac, Atheros
QCA6174A-5, 2T2R,
with BT4.2 (-40 ~ 85 °C/-40 ~ 185 °F)
1750008717-01
External Antenna, Dipole Ant. D.B 2.4/5G WIFI 3dBi
1750008799-01
Cable Ant.SMA/F-R-BH MFH4/113 L:170 mm (6.69 in)
Embedded OS/API
Embedded OS/API
Part No.
Description
WIN10
20706WX9VS0088
64-bit (UEFI mode only)
Software API
N/A
SUSI 4.0/iManager 3.0
Software API
N/A
WISE-PaaS/DeviceOn
Ubuntu v20.04
20706U20DS0001
img Ubun20.4 EPC-S202 64b
2004 ENU
Dimensions
Unit: mm
139



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com