Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  Intel Atom E3900 series Embedded SBC Fanless Slim System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
Software APIs:
Utilities:
GPIO
Watch Dog
Timer
Backlight
On/Off
Brightness
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
Data
Security
System Info
EPC-S202
Features
Intel Atom E3900 series Embedded SBC
Fanless Slim System
ƒ
Intel® Atom™ E3900 series
ƒ
Onboard 4GB LPDDR4-2400MT/s, 32GB eMMC
ƒ
Independent display by HDMI
ƒ
Semi-Industry Fanless slim systen, Din Rail or Wall mount design
ƒ
Support HDMI x 1 , GbE x 2 USB 3.0 x 2, COM x 2, DIO x 2
ƒ
Flexible expansion M.2 E key, F/S miniPCIe
ƒ
12V power input, default is 12V phoenix 2 pin connector
ƒ
Advantech WISE-PaaS/DeviceOn support
Specifications
Platform
Processor
Atom E3950
Atom E3930
Max. Frequency
2.0 GHz
1.80 GHz
Base Frequency
1.60 GHz
1.30 GHz
Core/Tread
4/4
2/2
LLC
2 MB
2 MB
CPU TDP
12W
6W
Chipset
Intel Atom SoC processor integrated
BIOS
AMI EFI 64 Mbit
Memory
Technology
LPDDR4-2400MT/s
Max. Capacity
8GB (default 4GB)
8GB (default 4GB)
Channel/Socket
Dual Channel/ Onboard LPDDR4
Graphics
Controller
Intel® Atom SoC integrated
Burst Frequency
650 MHz
550 MHz
Graphics Memory
2 GB
2 GB
3D/HW Acceleration
DX12, OGL4.4, OCL2.0
HW Encode: H.265/HEVC, H.264, MPEG2
HW Decode: H.264
Display I/F
HDMI
HDMI 1.4b: up to 3840 x 2160 at 30Hz
Ethernet
Controller
Intel® i210
Speed
10/100/1000 Mbps
Front I/O Openings
Ethernet
2 x RJ-45
HDMI
1
USB3.0
2
COM Port
1
LED
1
Side I/O Openings
COM
1 (RS232/422/485)
Digital I/O
2 (8-bit general purpose input/ output)
Miscellaneous
LED Indicators
Power
Control Power
Switch
Storage
eMMC
32GB (up to 64GB, support by request)
Expansion
M.2
1 x E-Key for M.2 2230 module (PCIe x1, USB2.0)
mPCIe/mSATA
1 x Full-size miniPCIe slot (Option to mSATA, support by request)
MI/O Extension
N/A
Power
Power type
Vin: 12V ± 10%
Power Input voltage
AT
Connector type
2 Pin Phoenix DC Plug in
Environment
Operating Temperature
-20 ~ 60 °C w/ 0.7m/s airflow
Storage Temperature
-40 ~ 85 °C (-40~185 °F)
Relative Humidity
40 °C @ 95%, Non-Condensing
Vibration During Operation
3 Grms, IEC 60068-2-64, random vibration, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
30G, IEC60068-2-27, half sine, 11m duration
Physical Characteristics
Mounting
Desk/Wall mounting, Din rail mounting
Dimensions (W x H x D)
139 x100 x 44mm
Weight
0.6kg
Regulation
EMC
CE/FCC Class B (*No RED certification), BSMI, CCC(TBD)
Safety
CB, UL, BSMI, CCC(TBD)
*Note: Support by request
NEW
All product specifications are subject to change without notice.
Last updated: 1-Nov-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL_17 Datasheet
314Kb / 1P
Fanless Embedded System with Intel Atom E3826 or Intel Celeron J1900
EBOX626-842-FL AXIOMTEK-EBOX626-842-FL_17 Datasheet
314Kb / 1P
Fanless Embedded System with Intel Atom E3826 or Intel Celeron J1900
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
Fanless Embedded System with Intel Atom Processor
logo
Advantech Co., Ltd.
EPC-S201 ADVANTECH-EPC-S201 Datasheet
561Kb / 2P
Intel Atom N3350 DC Barebone Embedded SBC Fanless Slim System
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com