Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS Datasheet(PDF) 2 Page - Littelfuse

Part # PHS
Description  Protection Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PHS Datasheet(HTML) 2 Page - Littelfuse

  PHS Datasheet HTML 1Page - Littelfuse PHS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Single Function Relays and Controls
www.littelfuse.com/phs
Rev: 1-A-062116
PHS SERIES
Specifications
Output
Type
Variable voltage phase angle control
Rating
Steady State (at 100% On)
Inrush*
1A
10A
6A
60A
10A
100A
20A
200A
Minimum Load Current
100mA
Voltage Drop
≅ 2.0V at rated current
Input
Voltage
120 or 230VAC
Tolerance
±20%
AC Line Frequency
50/60Hz
Protection
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥100MΩ
Mechanical
Mounting *
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2”); W 50.8 mm (2”);
D 38.4 mm (1.51”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
1A: ≅ 2.4 oz (68 g)
6, 10, & 20A: ≅ 3.9 oz (111 g)
External Adjustment
Potentiometer
120VAC
100KΩ rated at 1W
230VAC
200KΩ rated at 2W
Must have insulation resistance suitable for
line voltage applications.
*Units rated ≥ 6A must be bolted to a metal surface using the included heat sink compound. The
maximum mounting surface temperature is 90°C. Inrush: Non-repetitive for 16ms.
Typical Output Waveform



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com