Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS Datasheet(PDF) 1 Page - Littelfuse

Part # PHS
Description  Protection Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PHS Datasheet(HTML) 1 Page - Littelfuse

  PHS Datasheet HTML 1Page - Littelfuse PHS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Single Function Relays and Controls
www.littelfuse.com/phs
Rev: 1-A-062116
PHS SERIES
Description
The PHS Series is an ideal method of changing lamp intensity,
varying the speed of a fan/motor, or controlling the temperature
of a heater. The effective output voltage is adjusted with an
accessory external potentiometer suitable for line voltage
applications.
Operation
Upon application of input voltage, effective output voltage
can be varied by changing the external resistance value. As
the external resistance increases, the effective output voltage
decreases. The inverse is also true.
Features & Benefits
FEATURES
BENEFITS
External adjustment
- 230VAC rated
potentiometer
Allows control of heavy loads directly, solid state
design will provide long life
Up to 20A steady
state - 200A inrush
Allows control of heavy loads directly, solid state
design will provide long life
Single hole
surface mounting
Provides quick and easy installation
Accessories
P1004-174 (100kΩ 1W), P1004-175 (200kΩ 2W)
Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
Ordering Information
MODEL
INPUT VOLTAGE
RATING
PHS120A10
120VAC
10A
PHS120A20
120VAC
20A
PHS120A6
120VAC
6A
PHS230A10
230VAC
10A
PHS230A20
230VAC
20A
PHS230A6
230VAC
6A
If you don’t find the part you need, call us for a custom product 800-843-8848
L1
N/L2
Triac Output Device
V = Voltage
L = Load
RT = External Adjustment
Phase Control


Similar Part No. - PHS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PHS MSYSTEM-PHS Datasheet
112Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
Pro-Power
PHS-008-6028-BLK PROPOWER-PHS-008-6028-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-012-4025-BLK PROPOWER-PHS-012-4025-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-012-6024-BLK PROPOWER-PHS-012-6024-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
PHS-016-4025-BLK PROPOWER-PHS-016-4025-BLK Datasheet
158Kb / 2P
PHS Series Heat Shrink Tubing Flexible, Adhesive-Lined
V1.1 21/04/16
More results

Similar Description - PHS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
Protection Relays and Controls
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
PLM LITTELFUSE-PLM Datasheet
344Kb / 2P
Protection Relays
2016 Rev: 1-A-062116
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
ZSCT LITTELFUSE-ZSCT Datasheet
332Kb / 2P
Protection Relays Current Transformers
2016 Rev: 1-A-031218
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com