Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM20AM06S Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM20AM06S
Description  Phase leg Series & parallel diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM06S Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM20AM06S Datasheet HTML 1Page - Advanced Power Technology APTM20AM06S Datasheet HTML 2Page - Advanced Power Technology APTM20AM06S Datasheet HTML 3Page - Advanced Power Technology APTM20AM06S Datasheet HTML 4Page - Advanced Power Technology APTM20AM06S Datasheet HTML 5Page - Advanced Power Technology APTM20AM06S Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM20AM06S
APT website – http://www.advancedpower.com
1- 6
OUT
VBUS
S1
G1
0/VBUS
G2
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
200
V
Tc = 25°C
300
ID
Continuous Drain Current
Tc = 80°C
225
IDM
Pulsed Drain current
1200
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
6
m
W
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
24
A
EAR
Repetitive Avalanche Energy
30
EAS
Single Pulse Avalanche Energy
1300
mJ
VDSS = 200V
RDSon = 6m
W max @ Tj = 25°C
ID = 300A @ Tc = 25°C
Application
·
Motor control
·
Switched Mode Power Supplies
·
Uninterruptible Power Supplies
Features
·
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
·
Kelvin source for easy drive
·
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Low profile
Phase leg
Series & parallel diodes
MOSFET Power Module


Similar Part No. - APTM20AM06S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20AM06SG MICROSEMI-APTM20AM06SG Datasheet
275Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM20AM06S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM10ST ADPOW-APTM20AM10ST Datasheet
299Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24S ADPOW-APTM50AM24S Datasheet
297Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SC ADPOW-APTM50AM24SC Datasheet
307Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM20AM06SG MICROSEMI-APTM20AM06SG Datasheet
275Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM20AM10STG MICROSEMI-APTM20AM10STG Datasheet
287Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SG MICROSEMI-APTM50AM24SG Datasheet
276Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM100A13SG MICROSEMI-APTM100A13SG Datasheet
273Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM120A20SG MICROSEMI-APTM120A20SG Datasheet
272Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM38STG MICROSEMI-APTM50AM38STG Datasheet
296Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
APTM100A23STG MICROSEMI-APTM100A23STG Datasheet
292Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com