Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM20AM06S Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM20AM06S
Description  Phase leg Series & parallel diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20AM06S Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM20AM06S Datasheet HTML 1Page - Advanced Power Technology APTM20AM06S Datasheet HTML 2Page - Advanced Power Technology APTM20AM06S Datasheet HTML 3Page - Advanced Power Technology APTM20AM06S Datasheet HTML 4Page - Advanced Power Technology APTM20AM06S Datasheet HTML 5Page - Advanced Power Technology APTM20AM06S Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM20AM06S
APT website – http://www.advancedpower.com
3- 6
Parallel diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 85°C
120
A
IF = 120A
1.1
1.15
IF = 240A
1.4
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
0.9
V
Tj = 25°C
31
trr
Reverse Recovery Time
Tj = 125°C
60
ns
Tj = 25°C
120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 130V
di/dt = 400A/µs
Tj = 125°C
500
nC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.10
Diode serie
0.46
RthJC
Junction to Case
Diode parallel
0.46
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com