Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754571 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754571
Description  PCB connector - FKCN 2,5/ 3-ST-5,08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754571 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754571 Datasheet HTML 1Page - PHOENIX CONTACT 1754571 Datasheet HTML 2Page - PHOENIX CONTACT 1754571 Datasheet HTML 3Page - PHOENIX CONTACT 1754571 Datasheet HTML 4Page - PHOENIX CONTACT 1754571 Datasheet HTML 5Page - PHOENIX CONTACT 1754571 Datasheet HTML 6Page - PHOENIX CONTACT 1754571 Datasheet HTML 7Page - PHOENIX CONTACT 1754571 Datasheet HTML 8Page - PHOENIX CONTACT 1754571 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 3, number of rows: 1, number of positions: 3, number of connections: 3, product
range: FKCN 2,5/..-ST, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: without, mounting: without, type of packaging: packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Intuitive use through colour coded actuation lever
•
Extremely small design for the respective conductor cross section
•
Defined contact force ensures that contact remains stable over the long term
•
Can be combined with the MSTB 2,5 range
•
Commercial Data
Item number
1754571
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACFFA
Catalog Page
Page 278 (C-1-2013)
GTIN
4046356329538
Weight per Piece (including packing)
3.83 g
Weight per Piece (excluding packing)
3.806 g
Customs tariff number
85366990
Country of origin
BG
PCB connector - FKCN 2,5/ 3-ST-5,08
1754571
https://www.phoenixcontact.com/us/products/1754571
Nov 30, 2022, 5:32 AM
Page 1 (29)


Similar Part No. - 1754571

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754575 PHOENIX-1754575 Datasheet
115Kb / 7P
Base strip - MSTB 2,5/ 9-G
1754575 PHOENIX-1754575 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
1754575 PHOENIX-1754575 Datasheet
149Kb / 6P
MSTBT 2,5/ 9-ST
More results

Similar Description - 1754571

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707355 PHOENIX-1707355 Datasheet
86Kb / 3P
FKCN 2,5/ 3-ST-5,08 BD:53-51SO
12/07/2018
1754649 PHOENIX-1754649 Datasheet
1Mb / 24P
PCB connector - FKCN 2,5/10-ST-5,08
Jan 3, 2023
1754856 PHOENIX-1754856 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 8-STF-5,08
Jan 3, 2023
1732823 PHOENIX-1732823 Datasheet
1Mb / 26P
PCB connector - FKCN 2,5/10-ST
1732852 PHOENIX-1732852 Datasheet
1Mb / 25P
PCB connector - FKCN 2,5/14-ST
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1754869 PHOENIX-1754869 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 9-STF-5,08
1732878 PHOENIX-1732878 Datasheet
1Mb / 25P
FKCN 2,5/16-ST - PCB connector
1754704 PHOENIX-1754704 Datasheet
1Mb / 24P
FKCN 2,5/16-ST-5,08 - PCB connector
1732865 PHOENIX-1732865 Datasheet
1Mb / 25P
FKCN 2,5/15-ST - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com