Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH113 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH113
Description  POWER INDUCTORS Type>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH113 Datasheet(HTML) 1 Page - Sumida Corporation

  CDH113 Datasheet HTML 1Page - Sumida Corporation CDH113 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS
<SMD Type>
CDH73
( 10
µH - 220µH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
* In order to prevent short-circuiingt, a solder resist is recommended.
CDH74
( 10
µH - 470µH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
* In order to prevent short-circuiingt, a solder resist is recommended.
CDH113
( 10
µH - 470µH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
* In order to prevent short-circuiingt, a solder resist is recommended.
CDH115
( 10
µH - 470µH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
* In order to prevent short-circuiingt, a solder resist is recommended.
2.4
Outline
Solder Resist
0.2
2.0
3.3MAX.
7.3MAX.
2.4
Outline
Solder Resist
2.0
5.2MAX.
0.2
7.3MAX.
4.4
Outline
Solder Resist
4.0
0.3
3.7MAX.
11.2MAX.
4.4
Outline
Solder Resist
5.2MAX.
4.0
0.3
11.2MAX.
* ショート防止の為、ソルダレジスト推奨
外形寸法図
磁気構造図
推奨ランド寸法
* ショート防止の為、ソルダレジスト推奨
外形寸法図
磁気構造図
推奨ランド寸法
* ショート防止の為、ソルダレジスト推奨
外形寸法図
磁気構造図
推奨ランド寸法
* ショート防止の為、ソルダレジスト推奨
外形寸法図
磁気構造図
推奨ランド寸法


Similar Part No. - CDH113

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH113 SUMIDA-CDH113 Datasheet
164Kb / 2P
POWER INDUCTORS
CDH113NP-100M SUMIDA-CDH113NP-100M Datasheet
164Kb / 2P
POWER INDUCTORS
CDH113NP-101K SUMIDA-CDH113NP-101K Datasheet
164Kb / 2P
POWER INDUCTORS
CDH113NP-120M SUMIDA-CDH113NP-120M Datasheet
164Kb / 2P
POWER INDUCTORS
CDH113NP-121K SUMIDA-CDH113NP-121K Datasheet
164Kb / 2P
POWER INDUCTORS
More results

Similar Description - CDH113

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP147 SUMIDA-CDEP147 Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
POWER INDUCTORS (SMD Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com