Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS152 Datasheet(PDF) 1 Page - Littelfuse

Part # FS152
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS152 Datasheet(HTML) 1 Page - Littelfuse

  FS152 Datasheet HTML 1Page - Littelfuse FS152 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs100med
Rev: 1-A-062316
Specifications
Wiring Diagram
V = Voltage
L = Load
FS100 SERIES
Description
The FS100 Series (medium power) may be used to control
inductive, incandescent, or resistive loads. Input voltages of 24,
120, or 230VAC are available. Fixed flash rates in stock range
from 30, 50, 60, and 90 FPM, with custom flash rates ranging
from 10 to 300 FPM. Encapsulation provides protection against
shock, vibration, and humidity. This group of solid-state flashers
has proven reliability with years of use throughout the world.
Operation
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of T1, T2 begins and the load de-energizes.
This cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and the
sequence to T2.
Features & Benefits
FEATURES
BENEFITS
3A steady, 30A
inrush current
Provides direct control of inductive, incandescent, or
resistive loads
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Accessories
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
L1
N/L2
Medium Power Flasher
Ordering Information
MODEL
INPUT
FLASH RATE
FS143
24VAC
90 FPM
FS152
120VAC
90 FPM
FS152-30
120VAC
30 FPM
FS152-60
120VAC
60 FPM
FS162
230VAC
90 FPM
FS162-30
230VAC
30 FPM
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - FS152

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FS15 FS-FS15 Datasheet
280Kb / 2P
Schottky Rectifier
logo
Power-One
FS1501-7R POWER-ONE-FS1501-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Infineon Technologies A...
FS150R06KE3 INFINEON-FS150R06KE3 Datasheet
519Kb / 8P
EconoPACK™3 with fast trench/fieldstop IGBT³ and Emitter Controlled3 diode
revision: 2.0 2013-10-03
logo
eupec GmbH
FS150R06KL4 EUPEC-FS150R06KL4 Datasheet
573Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results

Similar Description - FS152

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com