Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDX Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GDX
Description  Crystals for Dallas Semiconductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GDX Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GDX Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
18 Feb 2000
Option
Code
GDX-2C GDX-2T
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Crystals for Dallas Semiconductors
GDX-1 & GDX-2
4.65 (max)
11.05
(max)
4.88
12.00
(min)
0.43Ø
13.46
(max)
ACTUAL SIZE
0.70
0.26Ø
9.00
(min)
6.20
(max)
2.10Ø
Features
« Custom specification for Dallas RTCs
« Ultra miniature for maximum space saving
Features
« Customised for Dallas Jitter Attenuator
« BothT1 and CEPT versions
Option
Codes
GDX-1
Product
Parameters
Scale 3:1
Scale 1:1
GDX-1
GDX-2
Specifications
Specifications
GDX-2C: CEPT version
GDX-2T: T1 version
Package:
2x6mm cylinder
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±10ppm
A
Temperature stability:
±50ppm
Operating temperature range:
-10 to +60°C
Circuit condition:
6pF
Static capacitance (C0): 1.3pF typ
Equivalent series resistance (max):
42k
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T0):
+25°C ±5°
Frequency / temp coefficient:
-0.038ppm/°C2 typ
Package:
HC49
Frequency:
8.192MHz
6.176MHz
Calibration tolerance:
±50ppm
Temperature stability: ±100ppm
±50ppm
Operating temperature range:
-20 to +70°C
Circuit condition:
14 ~ 20pF
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
40
Ageing:
±3ppm max first year
Drive level:
2.0mW max


Similar Part No. - GDX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
Watch Crystal for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
Crystals for Dallas Semiconductors
GDX-2 GOLLEDGE-GDX-2 Datasheet
109Kb / 1P
Crystals for Dallas Semiconductors
logo
Kycon, Inc.
GDX-A-44 KYCON-GDX-A-44 Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results

Similar Description - GDX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q58 MAXIM-DS21Q58 Datasheet
17Kb / 3P
Dallas Semiconductor
06/01/04 Rev B1
logo
Bel Fuse Inc.
APC82235 BEL-APC82235 Datasheet
137Kb / 2P
Slim Line Hybrid for Dallas E1
logo
Vishay Siliconix
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
Crystals for Dallas Semiconductors
logo
American Microsemicondu...
3N206 AMMSEMI-3N206 Datasheet
116Kb / 1P
Discrete Semiconductors
BF804 AMMSEMI-BF804 Datasheet
116Kb / 1P
Discrete Semiconductors
BF806 AMMSEMI-BF806 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
Watch Crystal for Dallas Semiconductors
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
SEMICONDUCTORS
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com