Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO247 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO247
Description  IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO247 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO247 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO247 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ESRP-RMM-UNO247
Dimensions
Unit: mm
Installation Scenario
DIN-Rail Mount Illustration (with optional DIN-rail kit)
Front I/O View
Rear I/O View
Optional Memory List
Operating Temperature
Memory Capacity
Part Number
0 ~ 50 °C/30 ~ 122 °F
2 GB
AQD-SD3L2GN16-SQ1
4 GB
AQD-SD3L4GN16-SG1
8 GB
AQD-SD3L8GN16-SG1
-20 ~ 60 °C/-4 ~ 140 °F
2 GB
SQR-SD3I-2G1K6SNLB
4 GB
SQR-SD3I-4G1K6SNLB
8 GB
SQR-SD3I-8G1K6SNLB
Optional Accessories
ƒ
1700001524
Power cable 3-pin 1.8M, USA type
ƒ
170203183C
Power cable 3-pin 1.8M, Europe type
ƒ
170203180A
Power cable 3-pin, 1.8M, UK type
ƒ
UNO-400-DMKAE
DIN-rail kit
1. Power button
2. RJ45 LAN
3. DC power
4. Reserved antenna socket
5. RS-232
6. VGA
7. HDMI
8. USB2.0
9. USB3.0
10. Chassis grounding
1. RS-485
2. RS-232
3. Reserved antenna socket
4. Line out
5. Rubber stopper
200
212.00
224.00
Ø5.40
Ø4.00
1
1
2
4
10
3
3 5
4
8
9
5
6
7
2
3
Ordering Information
ƒ
ESRP-RMM-UNO247
UNO-247, 4G Memory, 120G SSD, Win10, DeviceOn
Packing list
Part Number
Description
96PSA-A36W12W7-5
ADP A/D 100-240V 36W 12V WO/PFC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com