Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-RMM-UNO247 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ESRP-RMM-UNO247
Description  IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-RMM-UNO247 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ESRP-RMM-UNO247 Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-RMM-UNO247 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial IoT Gateways
Features
ESRP-RMM-UNO247
IoT Edge Computer with Intel® Celeron®
J3455 Processor, 2 x LAN, 6 x COM,
4 x USB, 1 x HDMI, and 1 x VGA
I/O Interfaces
ƒ
Serial Ports
4 x RS232
2 x RS485 DB9, 50bps ~ 115.2kbps
ƒ
LAN Ports
2 x RJ45, 10/100/1000 Mbps IEEE 802.3u
1000BASE-T fast Ethernet
ƒ
USB Ports
2 x USB 3.0, 2 x USB 2.0
ƒ
Displays
1 x HDMI 1.4b (3840 x 2160 @30 Hz)
1 x VGA (1920 x 1080 @60 Hz)
ƒ
Power Connector
1 x Lockable DC jack
Environment
ƒ
Operating Temperature 0 ~ 50 °C/30 ~ 122 °F with 0.7m/s airflow
-20 ~ 60 °C/-4 ~ 140 °F with 0.7m/s airflow
(with extended temperature peripherals, refer to the
optional memory list on page 2)
ƒ
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
ƒ
Relative Humidity
10 ~ 95% RH @ 40 °C/104 °F, non-condensing
ƒ
Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11ms
ƒ
Vibration Protection
Operating, IEC 60068-2-64, 3Grms, random,
5 ~ 500Hz, 1hr/axis (mSATA)
Operating, IEC 60068-2-64, 0.5Grms, random,
5 ~ 500Hz, 1hr/axis (HDD)
ƒ Intel® Celeron® J3455 processor
ƒ Robust yet compact fanless design with high stability
ƒ 2 x GbE, 2 x USB 3.0, 2 x USB2.0, 4 x RS232, 2 x RS485, 1 x HDMI, 1 x VGA
ƒ Rubber stopper for stand mount and optional DIN-rail mount kit
ƒ Optional 3G/GPS/GPRS/Wi-Fi communication capabilities
ƒ Threaded DC power jack ensures a secure and stable connection
ƒ Optimized mechanical design for easy RAM swapping
ƒ Supports WISE-PaaS/DeviceOn and WISE-Marketplace
Specifications
General
ƒ
Certification
CE, FCC, UL, CCC, BSMI
ƒ
Dimensions (W x D x H) 200 x 140 x 50 mm (7.8 x 5.5 x 1.9 in)
ƒ
Form Factor
Regular size
ƒ
Enclosure
Aluminum housing
ƒ
Mount Options
Stand, DIN rail (optional)
ƒ
Weight (Net)
1.0 kg (2.2 lb)
ƒ
Power Requirement
12VDC
ƒ
Power Consumption
17W (typical), 31W max.
ƒ
OS Support
Windows 10 IoT Enterprise LTSC
System Hardware
ƒ
BIOS
AMI UEFI 64 Mbit
ƒ
Watchdog Timer
Programmable timer with 255 interval levels, from 1 to
255 seconds
ƒ
TPM
Available upon request
ƒ
Processor
Intel® Celeron® J3455, 1.5 GHz
ƒ
Memory
1 x DDR3L SODIMM slot (up to 8 GB)
ƒ
Graphics Engine
Intel HD Graphics
ƒ
Ethernet
10/100/1000 Mbps Realtek RTL8111G-CG
ƒ
LED Indicators
LEDs for Power and HDD
ƒ
Storage
1 x Full-size mSATA with built-in 120G SSD
1 x 2.5" SATA HDD drive bay (compatible with 9.5 mm
HDD height)
ƒ
Expansion
1 x Full size mPCIe slot (PCIe/ USB Signal)
1 x M.2 (2230, E Key)
1 x Micro SIM card slot
NEW
Introduction
Cloud-to-Edge system intergation is inevitably set to play an increasingly important role in IoT world. ESRP-RMM-UNO247, powered by DeviceOn, simplifies the remote monitoring
and management and offers Plug-and-Play with zero-touch type provisioning with the variety of Advantech industrial Apps.
WISE-DeviceOn Function Highlights
Device Management
ƒ Remote Monitoring & Control
ƒ Device Onboarding & Registration
Edge Intelligence
ƒ Real-Time Data Processing
ƒ Data Analysis & Filtering
Connectivity Service
ƒ Industrial Protocol Connectivity
ƒ Plug-n-Play Peripherals
Cloud Integration
ƒ Pre-Configured with Azure, Ali, AWS
ƒ Data Intelligence & AI Enabling
System Security
ƒ McAfee Application Control
ƒ Acronis Backup Recovery
WISE-Marketplace Integration
ƒ Over 200+ I.App Offerings
ƒ Easy to Purchase and Deploy
All product specifications are subject to change without notice.
Last updated: 15-Jul-2020


Similar Part No. - ESRP-RMM-UNO247

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-RMM-UNO2484 ADVANTECH-ESRP-RMM-UNO2484 Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
More results

Similar Description - ESRP-RMM-UNO247

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESRP-CSS-UNO137 ADVANTECH-ESRP-CSS-UNO137 Datasheet
670Kb / 2P
Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2, 1 x mPCIe, and TPM 2.0
15-Apr-2022
UNO-127 ADVANTECH-UNO-127 Datasheet
796Kb / 3P
Compact, Fanless Edge Controller with Intel® Atom® Processor, 64GB eMMC, 2 x LAN, 2 x USB, and 1 x HDMI
11-Jul-2022
UNO-137 ADVANTECH-UNO-137 Datasheet
671Kb / 2P
Compact DIN-Rail Controller with Intel® Atom® E3940 CPU, 2 x LAN, 2 x COM, 3 x USB 3.0, 1 x USB 2.0, 2 x DP 1.2, 8 x DI, 8 x DO, 1 x M.2 B key, 1 x mPCIe, and TPM 2.0
13-Jun-2022
UNO-238 ADVANTECH-UNO-238 Datasheet
660Kb / 3P
Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
UNO-247 ADVANTECH-UNO-247 Datasheet
514Kb / 2P
Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-3272G ADVANTECH-UNO-3272G Datasheet
1,000Kb / 2P
Intel® Celeron J1900 Automation Computer with 2 PCI(e) Expansion Slots, 2 x GbE, 1 x mPCIe, HDMI, VGA
6-Jan-2021
UNO-2372G-V2 ADVANTECH-UNO-2372G-V2 Datasheet
918Kb / 4P
Compact Modular Box PC with Intel® Celeron® Processor, 2 x GbE, 4 x USB, 4 x COM, 2 x M.2, 1 x mPCIe, 1 x HDMI 1.4, 1 x DP 1.4
2-Dec-2022
logo
AAEON Technology
BOXER-6404 AAEON-BOXER-6404 Datasheet
305Kb / 2P
Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6404M AAEON-BOXER-6404M Datasheet
520Kb / 2P
Wide Temperature Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com