Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST1000C..K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-ST1000C..K
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST1000C..K Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-ST1000C..K Datasheet HTML 1Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 2Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 3Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 4Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 5Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 6Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 7Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-ST1000C..K Series
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-17
4
Document Number: 93714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
Average On-State Current (A)
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
60°
90°
Conduction Angle
ST1000C..K series
( single side cooled)
R
(DC ) = 0.042 K/W
thJ-hs
30°
120°
180°
Average On-State Current (A)
70
80
90
100
110
120
130
0
200
400
600
800
1000
Conduction Period
ST1000C..K Series
( single side cooled)
R
(DC ) = 0.042 K/W
thJ-hs
DC
30°
60°
90°
120°
180°
Average On-State Current (A)
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
30˚
60˚
90˚
120˚
180˚
Conduction Angle
ST1000C..K Series
(double side cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-State Current (A)
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
ST1000C..K series
(double side cooled)
R
(DC) = 0.021 K/W
thJ-hs
Average On-State Current (A)
0
500
1000
1500
2000
2500
3000
0
400
800
1200
1600
RMS limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
ST1000C..K series
T = 125˚C
J
Average On-State Current (A)
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
DC
180˚
120˚
90˚
60˚
30˚
RMS limit
Conduction period
ST1000C..K series
T = 125 ˚C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com