Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST1000C..K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-ST1000C..K
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST1000C..K Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-ST1000C..K Datasheet HTML 1Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 2Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 3Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 4Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 5Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 6Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 7Page - Vishay Siliconix VS-ST1000C..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-ST1000C..K Series
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-17
5
Document Number: 93714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
6000
8000
10 000
12 000
14 000
16 000
18 000
1
10
100
ST1000C..K series
Initial T = 125 ˚C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
J
At any rated load condition and with
rated V
RRM applied following surge.
Pulse Train Duration (s)
6000
8000
10 000
12 000
14 000
16 000
18 000
20 000
22 000
0.01
0.1
1
Maximum non repetitive surge current
vs. pulse train duration.
Control of conduction may not be maintained.
ST1000C..K series
Initial TJ = 125 °C
No voltage reapplied
Rated V
reapplied
RRM
Instantaneous On-State Voltage (V)
100
1000
10 000
0.5
1
1.5
2
2.5
3
3.5
4
T = 25 ˚C
J
ST1000C..K series
T = 125 ˚C
J
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady state value
R
= 0.42 K/W
(single side cooled)
R
= 0.21 K/W
(double side cooled)
(DC operation)
ST1000C..K series
thJ-hs
thJ-hs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com