Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSP6AF Datasheet(PDF) 1 Page - Belden Inc.

Part # OSP6AF
Description  Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

OSP6AF Datasheet(HTML) 1 Page - Belden Inc.

  OSP6AF Datasheet HTML 1Page - Belden Inc. OSP6AF Datasheet HTML 2Page - Belden Inc. OSP6AF Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: OSP6AF
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
Product Description
Category 6A Horizontal Premise Cable (500MHz), OSP Rated, 4 Pair, 23 AWG Solid Bare Copper Conductors, F/UTP, Inner Polyolefin Jacket, Gel-Filled,
Outer Polyolefin Jacket
Technical Specifications
Product Overview
Suitable
Applications:
OSP-Outside Plant, Premise Horizontal Cable, Ethernet up to 10GBASE-T, Wi-Fi 6, Wi-Fi 5, PoE++, PoE+, PoE, HDBaseT
Patent:
This product has one or more applicable patents. More information on patents can be found at https://www.belden.com/patents.
Construction Details
Conductor
Size Stranding
Material
Number of Pairs
23
Solid
BC - Bare Copper 4
Insulation
Material
Color Code
PO - Polyolefin White & Blue, White & Orange, White & Green, White & Brown
Inner Jacket
Material
Nom. Diameter
PE - Polyethylene 0.26 in (6.6 mm)
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
26 AWG (7x34) TC
Outer Jacket
Material
Nom. Diameter
Ripcord
PO - Polyolefin 0.360 in (9.14 mm) Yes
Overall Cable
Diameter (Nominal):
0.360 in (9.14 mm)
Electrical Characteristics
Electricals
Max. Conductor DCR Max. Capacitance Unbalance
82 Ohm/km
45 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
100 MHz
537.6 ns/100m 45 ns/100m
64%
High Frequency
Frequency
[MHz]
Max. Insertion
Loss
(Attenuation)
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT)
[dB]
Min. PSACRF
(PSELFEXT)
[dB]
Min. RL
(Return
Loss) [dB]
Max./Min. Input
Impedance
(unFitted)
Max./Min.
Fitted
Impedance
Min.
PSANEXT
[dB]
Min.
PSAACRF
[dB]
Min.
TCL
[dB]
Min.
ELTCTL
[dB]


Similar Part No. - OSP6AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
OSP6AU0101000 BELDEN-OSP6AU0101000 Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
More results

Similar Description - OSP6AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
2141A BELDEN-2141A Datasheet
156Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
DOSP6AF BELDEN-DOSP6AF Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
DOSP6F BELDEN-DOSP6F Datasheet
158Kb / 3P
Category 6 OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6U BELDEN-DOSP6U Datasheet
158Kb / 2P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
M57622 BELDEN-M57622 Datasheet
235Kb / 2P
Mohawk Category 6 OSP Cable, 4 Pair, U/UTP, Gel-filled
2022 Belden, Inc
OSP6U BELDEN-OSP6U Datasheet
162Kb / 3P
Category 6 OSP Cable, 4 Pair, U/UTP, Gel Filled
2022 Belden, Inc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com