Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7366EA Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7366EA
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7366EA Datasheet HTML 9Page - Diodes Incorporated AP7366EA Datasheet HTML 10Page - Diodes Incorporated AP7366EA Datasheet HTML 11Page - Diodes Incorporated AP7366EA Datasheet HTML 12Page - Diodes Incorporated AP7366EA Datasheet HTML 13Page - Diodes Incorporated AP7366EA Datasheet HTML 14Page - Diodes Incorporated AP7366EA Datasheet HTML 15Page - Diodes Incorporated AP7366EA Datasheet HTML 16Page - Diodes Incorporated AP7366EA Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
13 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Marking Information
(1)
SOT25
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification Code
W : Week : A to Z : week 1 to 26;
X : Internal Code
Y : Year 0 to 9 (ex: 2 = 2022)
a to z : week 27 to 52; z represents
week 52 and 53
Part Number
Package
Identification Code
AP7366EA-W5-7
SOT25
9E
AP7366EA-10W5-7
SOT25
9F
AP7366EA-12W5-7
SOT25
9G
AP7366EA-15W5-7
SOT25
9H
AP7366EA-18W5-7
SOT25
9J
AP7366EA-20W5-7
SOT25
9K
AP7366EA-25W5-7
SOT25
9M
AP7366EA-28W5-7
SOT25
9N
AP7366EA-30W5-7
SOT25
9P
AP7366EA-33W5-7
SOT25
9R
AP7366EA-36W5-7
SOT25
9S
AP7366EA-39W5-7
SOT25
9T
(2)
U-DFN2020-6
Y : Year : 0 to 9 (ex: 2 = 2022)
( Top View )
Y W X
XX
XX : Identification Code
X : Internal Code
W : Week : A to Z : week 1 to 26;
a to z : week 27~52; z represents
Week 52 and 53
Part Number
Package
Identification Code
AP7366EA-SN-7
U-DFN2020-6
9E
AP7366EA-10SN-7
U-DFN2020-6
9F
AP7366EA-12SN-7
U-DFN2020-6
9G
AP7366EA-15SN-7
U-DFN2020-6
9H
AP7366EA-18SN-7
U-DFN2020-6
9J
AP7366EA-20SN-7
U-DFN2020-6
9K
AP7366EA-25SN-7
U-DFN2020-6
9M
AP7366EA-28SN-7
U-DFN2020-6
9N
AP7366EA-30SN-7
U-DFN2020-6
9P
AP7366EA-33SN-7
U-DFN2020-6
9R
AP7366EA-36SN-7
U-DFN2020-6
9S
AP7366EA-39SN-7
U-DFN2020-6
9T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com