Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7366EA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7366EA
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7366EA Datasheet HTML 1Page - Diodes Incorporated AP7366EA Datasheet HTML 2Page - Diodes Incorporated AP7366EA Datasheet HTML 3Page - Diodes Incorporated AP7366EA Datasheet HTML 4Page - Diodes Incorporated AP7366EA Datasheet HTML 5Page - Diodes Incorporated AP7366EA Datasheet HTML 6Page - Diodes Incorporated AP7366EA Datasheet HTML 7Page - Diodes Incorporated AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
2 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Typical Applications Circuit
1
μF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1
μF
VIN
VOUT
AP7366EA
Adjustable Output
1
μF
IN
GND
EN
OUT
Enable
1
μF
VIN
VOUT
AP7366EA
Fixed Output
80k Ω
R
where
R
R
1
V
V
2
2
1
REF
OUT


Pin Descriptions
Pin Name
Pin Number
Functions
SOT25
(Fixed Output)
SOT25
(ADJ Output)
U-DFN2020-6
(Fixed Output)
U-DFN2020-6
(ADJ Output)
IN
1
1
3
3
Voltage Input Pin. Bypass to ground through at least 1µF
MLCC capacitor
GND
2
2
2
2
Ground
EN
3
3
1
1
Enable Input, Active High
ADJ
—
4
—
6
Output Feedback Pin
NC
4
—
5, 6
5
No Internal Connection. Leaving this pin floating does not
affect the chip functionality.
OUT
5
5
4
4
Voltage Output Pin. Bypass to ground through 1µF
MLCC capacitor
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Fixed Output
R1
R2
IN
EN
GND
ADJ
OUT
Gate
Driver
0.8V
Current Limit
and Thermal
Shutdown
Adjustable Output
Fixed Output
Adjustable Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com